Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 28Page - STMicroelectronics L5965 Datasheet HTML 29Page - STMicroelectronics L5965 Datasheet HTML 30Page - STMicroelectronics L5965 Datasheet HTML 31Page - STMicroelectronics L5965 Datasheet HTML 32Page - STMicroelectronics L5965 Datasheet HTML 33Page - STMicroelectronics L5965 Datasheet HTML 34Page - STMicroelectronics L5965 Datasheet HTML 35Page - STMicroelectronics L5965 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
5
SPI format and register mapping
A 32-bit SPI bus is used for bi-directional communication with the microcontroller, for functional and test purpose.
A write operation leads to a modification of the addressed data by the payload if a write access is allowed (e.g.
control register, valid data). A read operation (based on previous communication request) shifts out the data
present in the addressed register (out of frame data exchange protocol). MISO (multi-slave) operation is not
supported.
A Read & Clear Operation will lead to a clear of addressed status bits. The bits to be cleared are defined first by
payload bits set to 0. The SPI word is represented in the below figure.
Figure 20. SPI word representation
31
RW
SPI
ERR
Bit
DI
DO
30
IERR
29 28 27
ADDRESS
26 25
ADDRESS FBACK
24 23 22
RSV
TM
21
CNT
20 19 18 17 16 15 14 13
DATA WRITE
DATA READ
12 11 10
9
8
7
6
5
4
3
2
CRC
CRC
1
0
GAPG2306150958PS
In REC mode, SPI registers are NOT reset. Only SPI_WDI is reset but in INIT mode or power_down (when in
POR).
Logic content is reset only by POR activation, once VBAT falls below POR threshold. WD_TWIN is not reset by a
Reset command (or a WD fail) regardless of ‘WD_REC_en’ value.
DI Stream:
Bit 31: R/W flag. To select read (0) or write (1) operation
Bit 30-23: SPI register address
Bit 22: Test Mode flag
Bit 21: Frame counter (0/1). After Power-on reset, this bit must be ‘0’. The bit must be toggled according to
the previous SPI CNT bit.
Bit 20-5: Data to be written at selected address
Bit 4-0: CRC code
DO Stream:
Bit 31: Previous SPI communication Error (CRC error, Too long frame, Too short frame, frame count error,
SPI error, CSN low time out)(*)
Bit 30:RSTB(*)
Bit 29: FAULT(*)
Bit 28:21: SPI register address (related to the previous transmission)
Bit 20-5: Data read at selected address (related to previous transmission)
Bit 4-0: CRC code
Note:
(*) bit 29 and bit 30 reflect the current status of RSTB pin and FAULT pin. Every time the relevant SPI register is
accessed, an internal register will sample the current status of RSTB and FAULT pins, store them, then shift
them out on SPI DO frame at next SPI access. If RSTB and Fault bits in ACTIVE mode are `1' , it means there's
no reset and no fault.
L5965
SPI format and register mapping
DS12567 - Rev 3
page 32/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com