Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 29Page - STMicroelectronics L5965 Datasheet HTML 30Page - STMicroelectronics L5965 Datasheet HTML 31Page - STMicroelectronics L5965 Datasheet HTML 32Page - STMicroelectronics L5965 Datasheet HTML 33Page - STMicroelectronics L5965 Datasheet HTML 34Page - STMicroelectronics L5965 Datasheet HTML 35Page - STMicroelectronics L5965 Datasheet HTML 36Page - STMicroelectronics L5965 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Figure 21. SPI diagram
CSN
shift
sample
data shifted out
data updated
CLK
DO
DI
GAPG2306151214PS
DO is sampled by the microcontroller on CLK falling edge, DI is sampled by L5965 on CLK falling edge. In case of
writing operation selected, internal register is updated at CSN rising edge.
In the below figure SPI protocol is shown:
1st Frame: Write Access on RW Register X → Register X is updated at the end of the frame.
After the update of register X, the data out shift register is updated too.
2nd Frame: Read Access → Register X with data Y is shifted out on MISO.
Register X is not updated because the R/W bit is LOW.
The data out shift register is updated with the same data.
Figure 22. SPI protocol diagram
CSN
R/W = 1
R/W = 0
register X updated with data Y
Register X shifted out (data Y)
Write register X, data Y
Data out to be shifted out updated
CLK
DO
DI
GAPG2306151521PS
CSN
CLK
DO
DI
To detect frame losses/non-refreshment, Bit21 of DI frame must have opposite values in sequential frames. If a
static fault (stuck-at) or cross-talk occurs, the communication data received would not pass the CRC check and
will be discarded: FAULT pin is asserted.
If SPI communication has some errors (no matter to which register), the write in data is discarded. In the next SPI
communication, DO will automatically read out 0x1D register address and data-in order to give details on SPI
error.
Table 8. Input CSN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCSNLOW
Input voltage low level
Normal mode
1
V
VCSNHIGH
Input voltage high level
Normal mode
2.3
V
VCSNHYS
VCSNHIGH - VCSNLOW
Normal mode
0.2
0.4
V
ICSNPU
Internal pull up resistor
Normal mode
800
kΩ
L5965
SPI format and register mapping
DS12567 - Rev 3
page 33/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com