Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805E Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 44Page - STMicroelectronics L9805E Datasheet HTML 45Page - STMicroelectronics L9805E Datasheet HTML 46Page - STMicroelectronics L9805E Datasheet HTML 47Page - STMicroelectronics L9805E Datasheet HTML 48Page - STMicroelectronics L9805E Datasheet HTML 49Page - STMicroelectronics L9805E Datasheet HTML 50Page - STMicroelectronics L9805E Datasheet HTML 51Page - STMicroelectronics L9805E Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 125 page
background image
On-chip peripherals
L9805E
48/125
.
These registers are readable and writable and are not affected by the timer hardware. A
reset event changes the OCiR value to 8000h.
Timing resolution is one count of the free running counter: (fCPU/CC[1:0]).
Procedure
To use the output compare function, select the following in the CR2 register:
–
Set the OCiE bit if an output is needed, then the OCMPi pin is dedicated to the
output compare i function.
–
Select the timer clock (CC[1:0]) (see Table 10: Clock Control Bits).
And select the following in the CR1 register:
–
Select the OLVLi bit to be applied to the OCMPi pins after the match occurs.
–
Set the OCIE bit to generate an interrupt if it is needed.
When a match is found between OCRi register and CR register:
–OCFi bit is set.
–The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset).
–
A timer interrupt is generated if the OCIE bit is set in the CR1 register and the I bit
is cleared in the Condition Code register (CC).
The OCRi register value required for a specific timing application can be calculated using
the following formula:
Where:
t
= Output compare period (in seconds)
fCPU
= CPU clock frequency (in Hz)
PRESC
= Timer prescaler factor (2, 4 or 8 depending on CC[1:0] bits,
see Table 10: Clock Control Bits)
If the timer clock is an external clock, the formula is:
OCRi = t · f
EXT
Where:
t
= Output compare period (in seconds)
f
EXT
= External timer clock frequency (in hertz)
Clearing the output compare interrupt request (i.e.clearing the OCFi bit) is done by:
1.
Reading the SR register while the OCFi bit is set.
2.
An access (read or write) to the OCLRi register.
MS Byte
LS Byte
OCiROCiHR
OCiLR
OCRi
tf
CPU
PRESC
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com