Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 33 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 33 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 29Page - Greenlee Communications DST-SW-H3 Datasheet HTML 30Page - Greenlee Communications DST-SW-H3 Datasheet HTML 31Page - Greenlee Communications DST-SW-H3 Datasheet HTML 32Page - Greenlee Communications DST-SW-H3 Datasheet HTML 33Page - Greenlee Communications DST-SW-H3 Datasheet HTML 34Page - Greenlee Communications DST-SW-H3 Datasheet HTML 35Page - Greenlee Communications DST-SW-H3 Datasheet HTML 36Page - Greenlee Communications DST-SW-H3 Datasheet HTML 37Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
309
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
PC Cable-Check™ PRO
• Quickly & easily troubleshoot cables to eliminate the cable as the source
of a problem
• True cable mapping for over 20 different cable types: BNC coax & S-Video,
VGA, Firewire, USB & Mini-USB, PS/2, parallel printer, RS-232 serial and
Cat5e or Cat6 LAN
• Supports these connectors: male and female DB9, DB15, DB25 and
HDB15; 36-pin Centronics printer; RJ11, RJ12, RJ45 shielded &
unshielded; BNC coax female; male and female mini-DIN6; female mini-
DIN4; USB-A and USB-B; mini-USB 5-pin; IEEE 1394 FireWire 4- and 6-pin
• Tests 50 ohm cables up to 1000’ (305 m) & 75 ohm cables up to
600’ (183 m)
• Easy to read and understand LED indicator lights
• New rugged case with built-in handle for easy transport
• Auto scan or manual scan modes
• Rubber feet grip to desk or bench to prevent slipping
• Auto-off after 30 seconds of non-use to extend battery life
• 9V battery included
CAT. NO.
DESCRIPTION
PA1577
PC Cable-Check™ Pro
LAN Cable-Check™
CAT. NO.
DESCRIPTION
PA1574
LAN Cable-Check™ Tester
• Identifies cross-over telephone connections
• Automatically scans when cables connected and unit turned on
• Two scan speeds: fast or slow
• Maps connector and cable pin-out
• Tests cables up to 1,650’ or 500 m
• Also tests RJ11 connections using an RJ11 adapter (not included).
• 2, RJ45 patch cords and 9V battery included
• Contained in a durable nylon carrying case with belt loop
LAN and A/V Cable-Check™
Network
• Tests RJ45 patch cords and network installations to identify good
connections, opens, shorts or cross-connections
• Identifies data and telephone connection schemes
• Maps cable pin-out
Coax
• Tests continuity of cords and installed cable runs
• Identifies good connections, opens and shorts
Features and Benefits:
• Automatic scanning
• User selectable slow or fast speeds
• Quickly check cable installations and patch cords
• Easy-to-use with clear LED read-outs
Includes:
• 2 RJ45 patch cords
• 9V battery
• 75-ohm male terminator
• Durable, nylon carrying case
• Cable TV “F” female adapter
• RCA to CATV "F" adapter.
CAT. NO.
DESCRIPTION
PA1594
LAN and A/V Cable-Check™
PA1574
PA1594
PA1577



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com