Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 37 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 37 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 33Page - Greenlee Communications DST-SW-H3 Datasheet HTML 34Page - Greenlee Communications DST-SW-H3 Datasheet HTML 35Page - Greenlee Communications DST-SW-H3 Datasheet HTML 36Page - Greenlee Communications DST-SW-H3 Datasheet HTML 37Page - Greenlee Communications DST-SW-H3 Datasheet HTML 38Page - Greenlee Communications DST-SW-H3 Datasheet HTML 39Page - Greenlee Communications DST-SW-H3 Datasheet HTML 40Page - Greenlee Communications DST-SW-H3 Datasheet HTML 41Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
313
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Marker-Mate®
• Designed to locate buried electronic markers, including Omni Marker™,
and Uni Marker®
• Five+ foot depth range
• Detects up to seven different marker types
• Scan mode provides simultaneous detection of all marker types
• User-adjustable Detection Threshold
• Digital signal processor accuracy
• Large-character display is easy to read
• Bar graph, numeric & audible signal strength indicators
• Speaker volume adjust
• Headphone jack
• Battery level indicator
• Low battery warning
• Adjustable time out feature prolongs battery life (and can be turned off)
• Weather resistant
• Rugged construction
CAT. NO.
UPC NO.
DESCRIPTION
EML100
60798
Marker-Mate Electronic Marker Locator
SPECIFICATIONS
Electrical:
Twelve AA batteries
Battery Life: 20 hours typical
Environment:
Operating Temperature:
-4°F to 122°F (-20°C to 50°C)
Storage Temperature:
-40°F to 158°F (-40°C to 70°C)
Weather Resistant
Physical:
Length:
30.7 in. (780 mm)
Width:
7.8 in. (198 mm)
Height:
12.8 in. (325 mm)
Weight:
4.5 lbs. with batteries (2 kg)
Omni Marker™
• Electronically marks and relocates buried facilities
• Unique design produces a uniform, spherical RF field in every direction
• Easily located up to 5' away with any modern marker locator
• Wider field with a signal peak directly above the marker provides
precise location
• Requires no particular orientation when buried
• Greater range than standard 4" ball markers
• High-reliability design lasts as long as your buried plant
• Color coded by utility application
• Patented
• Limited lifetime warranty
APPLICATION
COLOR
FREQUENCY
CAT NO.
UPC NO.
Power
Red
169.8 kHz
0160-0001-1
60765
Water
Blue
145.7 kHz
0161-0001-1
60766
Sanitary
Green
121.6 kHz
0162-0001-1
60767
Telephone
Orange
101.4 kHz
0163-0001-1
60768
Gas
Yellow
83.0 kHz
0164-0001-1
60769
Cable TV
Orange/Black
77.0 kHz
0165-0001-1
60770
Non-Potable/Gen I
Purple
66.35 kHz
0168-0001-1
11050
EuroPower
Red/Blue
134.0 kHz
0181-0001-1
05160
EML100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com