Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 10 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 10 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 6Page - Greenlee Communications DST-SW-H3 Datasheet HTML 7Page - Greenlee Communications DST-SW-H3 Datasheet HTML 8Page - Greenlee Communications DST-SW-H3 Datasheet HTML 9Page - Greenlee Communications DST-SW-H3 Datasheet HTML 10Page - Greenlee Communications DST-SW-H3 Datasheet HTML 11Page - Greenlee Communications DST-SW-H3 Datasheet HTML 12Page - Greenlee Communications DST-SW-H3 Datasheet HTML 13Page - Greenlee Communications DST-SW-H3 Datasheet HTML 14Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
286
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
TM-700 Tele-Mate™ Telephone Test Set
CABLE & SERVICE TESTING
CAT NO.
UPC NO.
DESCRIPTION
QTY.
TM-700
00984
TM-700 Tele-Mate™ TELEPHONE TEST SET
1
• Complete telephone set with ringer
• Phone-to-phone intercom, compatible with other SmartIntercom™ devices
• Modular or alligator clip connection
• Amplified loudspeaker line monitor
• Headset or handset operation
• Tone and pulse dialing
• Large 10-location speed dialing memory
• Multi-memory redial
• DTMF digit detection and measurement
• Tone output mode
• Caller ID with name display
• Call waiting Caller ID
• Missed call indication
• DSL compatible, high impedance monitor and filters
• Glow-in-the-dark keypad
• Line voltage and current display
• High voltage detect and lockout
• High current detect and lockout
• Uses 2 AA/LR6 batteries (included)
• Quick release belt-clip
CAT NO.
UPC NO.
DESCRIPTION
QTY.
TM-500
00486
Telephone Test Set W/ ABN "Bed-Of-Nails" Croc Clips
(POP)
1
TM-500T
00494
Telephone Test Set W/ ABN "Bed-Of-Nails" Croc Clips
(Boxed)
1
TM-500i
00643
Telephone Test Set W/ Small Croc Clips (Boxed)
1
• Luminescent (glow-in-the-dark) keypad
• Can be used safely on a DSL enabled line
• High Impedance Monitor for monitoring line without disrupting
existing traffic
• Over voltage and over current protection
• Tone and Pulse dialing for versatility on old and new phone lines
• Polarity test with LED indicator
• 32 digit last number redial and pause
• 10 number speed dial
• Adjustable volume control plus mute
• Pause
• Flash to generate a timed break recall
• Line powered, no battery needed
• Headset (included) for hands free operation
• RJ11 socket
• Quick release belt-clip
SPECIFICATIONS
Technical Specifications
Length:
9.25" (235 mm)
Width:
2.5" (64 mm)
Height:
3.25" (83 mm)
SPECIFICATIONS
Technical Specifications
Length:
9.25" (235 mm)
Width:
2.5" (64 mm)
Height:
3.25" (83 mm)
TM-500 Tele-Mate™ Telephone Test Set
A PRODUCT VIDEO IS
AVAILABLE, SCAN THIS QR
CODE OR VISIT:
www.youtube.com/GreenleeDEMO
TM-700
TM-500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com