Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 45 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 45 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 41Page - Greenlee Communications DST-SW-H3 Datasheet HTML 42Page - Greenlee Communications DST-SW-H3 Datasheet HTML 43Page - Greenlee Communications DST-SW-H3 Datasheet HTML 44Page - Greenlee Communications DST-SW-H3 Datasheet HTML 45Page - Greenlee Communications DST-SW-H3 Datasheet HTML 46Page - Greenlee Communications DST-SW-H3 Datasheet HTML 47Page - Greenlee Communications DST-SW-H3 Datasheet HTML 48Page - Greenlee Communications DST-SW-H3 Datasheet HTML 49Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
321
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Optical Light Sources
CAT. NO.
UPC NO. DESCRIPTION
Optical Light Sources
GDLS 350
00518
850/1300 Dual LED
GDLS 355
00519
1310/1550 Dual Laser
GDLS 360
03203
1490nm/1625nm Dual Laser
78-0160-70
21033
Single Instrument pouch
Connector Options
GAC 022B
00440
SC Adapter for source
GAC 023B
00441
FC Adapter for source
GAC 024B
00442
ST Adapter for source
GAC 025B
00443
LC Adapter for source
• Durable and compact
• Provides a stable light source
• Interfaces to all industry standard connectors
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -10 ° C to +50° C
Storage temperature
-30° C to +60° C
Weight
3 oz (85g)
GDLS 350
GDLS 355 / GDLS 360
Wavelength
850nm &
1300nm LED
1310nm, 1550nm Laser/
1490nm, 1625nm Laser
Output power
- 20dBm Typical
-4dBm Typical
Laser Classification
N/A
Class 1 (FDA 21 CFR1040.11)
Output stability
+/- 0.05dB, 1 hour, + /- 0.03dB
long after 15 minute warm-up
Spectral Width
40nm/120nm
5nm/5nm
Optical interface
Universal Connector Interface (FC, SC, ST & LC )
Power on
Push button ON, Auto shutoff
Tone Output
2kHz
Dimensions
6.1 x 0.94 x 0.75in (15.5 x 2.38 x 1.90cm)
Weight
3oz (85g)
Operating Temperature
-10C to 50°C
Storage Temperature
-30C to 60°C
SPECIFICATIONS
Note: SC Adapter included with all laser and LED sources
GDLS 350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com