Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 82 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 82 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 78Page - Greenlee Communications DST-SW-H3 Datasheet HTML 79Page - Greenlee Communications DST-SW-H3 Datasheet HTML 80Page - Greenlee Communications DST-SW-H3 Datasheet HTML 81Page - Greenlee Communications DST-SW-H3 Datasheet HTML 82Page - Greenlee Communications DST-SW-H3 Datasheet HTML 83Page - Greenlee Communications DST-SW-H3 Datasheet HTML 84Page - Greenlee Communications DST-SW-H3 Datasheet HTML 85Page - Greenlee Communications DST-SW-H3 Datasheet HTML 86Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
358
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
LC CST Strippers
• Self-regulating tension
• Adjust cutting depth on each blade for varying cable thicknesses with the
included hex key
• Pre-set for common strip lengths
• Blades adjust for strip dimensions other than our standard pre-set units*
*To adjust strip lengths simply change blade locations in the lower jaw to attain the following:
.157” (4 mm), .236” (6 mm), .315” (8 mm), .394” (10 mm) and .472” (12 mm)
Not recommended for use on LMR or Teflon cables.
CAT. NO.
DESCRIPTION
PA1255
LC CST-58/59 – 2- & 3-Level, Adjustable
PA1256
LC CST-11 – 2- & 3--Level, Adjustable
PA1257
LC CST CATV "F" – 2-Level
PA1258
LC CST-Mini
PA2263
Replacement Blade
SPECIFICATIONS
PRESET STRIP LENGTHS* CABLE USAGE
LC CST-58/59
0.315” outer jacket
0.157” inner dielectric
RG58, RG59, RG62 AU & RG6
LC CST-11
0.315” outer jacket
0.157” inner dielectric
RG8, RG11 & RG213
LC CST CATV “F”
0.236” outer jacket
RG59, RG6 & RG6 QUAD CATV”F”
(preset for RG6 CATV “F”)
LC CST-Mini
0.344” outer jacket
0.094” inner dielectric
RG178, RG179, RG188,AT&T
735(A), NT735, Belden 1855A,
Belden 8218, RG180, RG187,
RG188A, RG405 and more
CST Pro Coax Stripper
• New patent-pending coax stripping system for precision & accuracy
• Works with a wide range of cable diameters from .1" - .315” (2.5-8.0mm)
including: RG58/59/62AU, RG6/6QS, RG174, Belden 1505A, 1855A & 8281
and mini-coax
• Pre-set for standard 2- and 3- level strip lengths
• Coax stripper designed for pros requiring precision, versatility & ease of use.
• Reversible-rollers easily adjust for various cable sizes including mini-coax.
• Dual roller mechanism perfectly centers cable & applies equal pressure to
eliminate cable distortion
• Quick-change pre-set blade cassettes
• Cam adjustment ensures precise hold on cable
• Fixed blade cassettes pre-set for standard 2- and 3- level strip lengths
• Interchangeable blades reduce set-up time
• Lifetime warranty on frame only
PA2282 3 Level
PA2284
Reversible Rollers
Blade Adjustment Screws
CAT. NO.
DESCRIPTION
COMMON USES
PA1280
CST Pro Green 3-level (A=.279, B=.201)
Common 2- & 3-piece
PA2280
Green Blade Cassette only
PA1281
CST Pro Orange 3-level (A=.327, B=.146)
Kings, Amphenol RFX 3-piece
PA2281
Orange Blade Cassette only
PA1282
CST Pro Black 3-level (A=.344, B=.094)
ADC, Kings, Amphenol HDTV, Mini's
PA2282
Black Blade Cassette only
PA1283
CST Pro Blue 2-level (A=.250)
Standard RG6/6QS & RG59,
CATV "F", Mini's
PA2283
Blue Blade Cassette only
PA1285
CST Pro Frame only
PA2284
CST Pro Rollers only
Teflon® is a registered trademark of Dupont
PA1282
PA1255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com