Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 86 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 86 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 82Page - Greenlee Communications DST-SW-H3 Datasheet HTML 83Page - Greenlee Communications DST-SW-H3 Datasheet HTML 84Page - Greenlee Communications DST-SW-H3 Datasheet HTML 85Page - Greenlee Communications DST-SW-H3 Datasheet HTML 86Page - Greenlee Communications DST-SW-H3 Datasheet HTML 87Page - Greenlee Communications DST-SW-H3 Datasheet HTML 88Page - Greenlee Communications DST-SW-H3 Datasheet HTML 89Page - Greenlee Communications DST-SW-H3 Datasheet HTML 90Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
362
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
CAT. NO.
DESCRIPTION
PA1917
RG59/6/6QS flaring tool
BNC and CATV “F” Extraction Tools
• Chrome finish
• Comfortable driver-style plastic handle
• 1908 CATV “F” is a combination tool. Use the hex socket to easily
remove and insert the connectors; Use the threaded end to hold the
connector while you insert cable for connectors. Helps to prevent finger
injuries
CAT. NO.
DESCRIPTION
PA1908
PA1907
PA1916
CATV 8" (203 mm)
BNC 8" (203 mm)
BNC 12" (305 mm)
RG59/RG6/RG6 Quad Flaring Tool
• Works on RG59 and RG6/6 Quad cable
• Flares shield away from center dielectric
• Saves time on CATV and satellite installation
SealTite® ProM Coax Crimper
• Crimps weatherproof linear CATV “F”, BNC, RCA & right- angle
compression-type connectors from all manufacturers
• Works with RG6, RG6 Quad, RG59 & RG62AU coax cables
• Versatile tool - accommodates multiple connectors
• The only tool with a single, reversible head eliminating need for adapters.
• No additional parts, attachments or other tools required to change from
one crimp style to another
• Quickly & easily adjust crimp height
• Once properly set, lock with adjustment lock
• Rated life cycle 30,000 (unloaded)
CAT. NO.
DESCRIPTION
PA1559
SealTite® ProM Coax Crimper
PA1917
PA1916
PA1907
PA1908
PA1559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com