Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-H3 Datasheet(PDF) 101 Page - Greenlee Communications

Part # DST-SW-H3
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-H3 Datasheet(HTML) 101 Page - Greenlee Communications

Back Button DST-SW-H3 Datasheet HTML 97Page - Greenlee Communications DST-SW-H3 Datasheet HTML 98Page - Greenlee Communications DST-SW-H3 Datasheet HTML 99Page - Greenlee Communications DST-SW-H3 Datasheet HTML 100Page - Greenlee Communications DST-SW-H3 Datasheet HTML 101Page - Greenlee Communications DST-SW-H3 Datasheet HTML 102Page - Greenlee Communications DST-SW-H3 Datasheet HTML 103Page - Greenlee Communications DST-SW-H3 Datasheet HTML 104Page - Greenlee Communications DST-SW-H3 Datasheet HTML 105Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
377
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
Insulated Terminals
and Lugs
Solid or Stranded Wire,
22-10 AWG (.34 - 6
mm2)
12-10 (Yellow), 16-14 (Blue),
22-18 (Red), (6-4 / 2.5 - 1.5 /
.34 - .75 mm2)
PA8021
PA1305
PA2035
For Large Professional Terminals
(Panduit,T & B, etc.)
Insulated Terminals
and Lugs
Solid or Stranded Wire,
22-12 AWG (.34 - 4
mm2)
12-10 (Yellow), 16-14 (Blue),
22-18 (Red), (4/1.5 - 2.5 / .34
- .75 mm2)
PA8022
PA1308
PA2040
For Standard Commercial Terminals
(Hardware Store Brands)
Insulated Terminals
and Lugs
Solid or Stranded Wire,
26-14 AWG (.10 - 2.5
mm2)
16-14 (Blue), 22-18 (Red),
22-26 (Yellow) (1.5 - 2.5 / .34 -
.75 / .34 - .10 mm2)
PA8023
PA1334
PA2029
For Smaller Wire Barrel Terminals
CrimpALL® Interchangeable Die Sets for Wire Ferrules
CrimpALL® Interchangeable Die Sets for Non-Insulated Terminal Crimpers
CrimpALL® Interchangeable Die Sets for Insulated Terminal Crimpers
CrimpALL® Interchangeable Die Sets for Open Barrel, Box and Terminal Systems
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
Non-Insulated
Terminals and
Lugs
Solid or Stranded Wire,
22-8 AWG (.34 - .10
mm2)
10-8 / 14-12 / 18-16 / 22-20
(6 - 10 / 2.5 - 4 / .75 - 1.5 /
.34 - .50 mm2)
PA8024
PA1322
PA2031
For Standard Commercial Terminals
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
Insulated & Non-
Insulated Wire
Ferruls
Solid or Stranded Wire,
22-10 AWG (.34 - 6
mm2)
22-20 / 18-16 / 14-12 / 10
(.34 - .55 / .75 - 1.5 / 2.5 -
4 / 6 mm2)
PA8025
PA1360
PA2095
For DIN or US Type
Wire Ferrules
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
Open Barrel Non-
Insulated Terminals,
Narrow Lugs and
Power Contacts
Solid or Stranded Wire,
22-10 AWG (.34 - 6
mm2), F Type*
22-18 / 16-14 / 12-10
(.34 - .75 / 1.5 - 2.5 /
4-6 mm2)
PA8026
PA1306
PA2033
For Standard Commercial Terminals
Open Barrel Non-
Insulated Terminals,
Wide Lugs and Power
Contacts
Solid or Stranded Wire,
22-14 AWG (.34 - 2.5
mm2), F Type*
16-14 / 22-18
(1.5 - 2.5 / .34 - .75 mm2)
PA8027
PA2096
For Standard Commercial Terminals
Open Barrel D-Sub
Contact Pins RS-232
Solid or Stranded Wire,
28-20 AWG (.08 - .50
mm2), F Type*
28-24 / 22-20
(.08 - .2 / .34 - .5 mm2)
PA8029
PA1359
PA2097
For Standard D-sub Pins Only; not for
HD D-subs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com