Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248FTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # VNF1248FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248FTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button VNF1248FTR Datasheet HTML 40Page - STMicroelectronics VNF1248FTR Datasheet HTML 41Page - STMicroelectronics VNF1248FTR Datasheet HTML 42Page - STMicroelectronics VNF1248FTR Datasheet HTML 43Page - STMicroelectronics VNF1248FTR Datasheet HTML 44Page - STMicroelectronics VNF1248FTR Datasheet HTML 45Page - STMicroelectronics VNF1248FTR Datasheet HTML 46Page - STMicroelectronics VNF1248FTR Datasheet HTML 47Page - STMicroelectronics VNF1248FTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
12.2
Signal description
Serial clock SCK
This input signal provides the timing of the serial interface. Data present at Serial Data Input (SDI) are latched on
the rising edge of Serial Clock (SCK). Data on Serial Data Output (SDO) change after the falling edge of Serial
Clock (SCK).
Serial data input SDI
This input signal is used to transfer data serially into the device. It receives data to be written. Values are sampled
on the rising edge of Serial Clock (SCK).
Serial data output SDO
This output signal is used to transfer data serially out of the device. Data are shifted out on the falling edge of
Serial Clock (SCK).
Chip select CSN
The communication interface is deselected, when this input signal is logically high. A falling edge on CSN enables
and starts the communication while a rising edge finishes the communication and the sent command is executed
when a valid frame was sent. During communication start and stop the Serial Clock (SCK) has to be logically low.
12.3
SPI protocol
SDI format during each communication frame starts with a command byte. It begins with two bits of operating
code (OC1, OC0) which specify the type of operation (read, write, read and clear status, read device information)
and it is followed by a 6-bit address (A5:A0). The command byte is followed by three input data bytes: (D23:D16),
(D15:D8) and (D7:D0).
Table 34. Command byte
MSB
LSB
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 35. Input data byte 1
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
Table 36. Input data byte 2
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Table 37. Input data byte 3
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Table 38. Global status byte
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SDO format during each communication frame starts with a specific byte called Global Status Byte (see GSB byte
for more details on bit0–bit7). This byte is followed by three output data bytes (D23:D16), (D15:D8) and (D7:D0).
VNF1248F
SPI functional description
DS14109 - Rev 7
page 44/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com