Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248FTR Datasheet(PDF) 60 Page - STMicroelectronics

Part # VNF1248FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248FTR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VNF1248FTR Datasheet HTML 56Page - STMicroelectronics VNF1248FTR Datasheet HTML 57Page - STMicroelectronics VNF1248FTR Datasheet HTML 58Page - STMicroelectronics VNF1248FTR Datasheet HTML 59Page - STMicroelectronics VNF1248FTR Datasheet HTML 60Page - STMicroelectronics VNF1248FTR Datasheet HTML 61Page - STMicroelectronics VNF1248FTR Datasheet HTML 62Page - STMicroelectronics VNF1248FTR Datasheet HTML 63Page - STMicroelectronics VNF1248FTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
12.15
Watchdog timeout
In order to serve the timeout watchdog, the relevant WD_TRIG bit (Watchdog Trigger bit) must be toggled within a
given timeout window.
Figure 19. Timeout watchdog
VNF1248F
SPI functional description
DS14109 - Rev 7
page 60/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com