Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248FTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # VNF1248FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248FTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VNF1248FTR Datasheet HTML 48Page - STMicroelectronics VNF1248FTR Datasheet HTML 49Page - STMicroelectronics VNF1248FTR Datasheet HTML 50Page - STMicroelectronics VNF1248FTR Datasheet HTML 51Page - STMicroelectronics VNF1248FTR Datasheet HTML 52Page - STMicroelectronics VNF1248FTR Datasheet HTML 53Page - STMicroelectronics VNF1248FTR Datasheet HTML 54Page - STMicroelectronics VNF1248FTR Datasheet HTML 55Page - STMicroelectronics VNF1248FTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
Bit
Default
Name
Description
If the current state is unlocked and S_T_CFG is not 000, then setting this bit
causes a transition to -test state.
This bit is automatically reset.
8
0
S_T_STOP
When it is set to 1, stops execution of the selected-test (when it is applicable).
This bit is automatically reset.
7:5
0x0
S_T_CFG
Test selection:
000: No selection
001: Current sense
010: VDS detection
100: Power switch stuck-on
011: Current sense + VDS detection
101: Current sense + power switch stuck-on
110: VDS detection + power switch stuckon
111: Current sense + VDS detection + power switch stuck-on
Others: Reserved
4
0
OUTCTL
Enables high-side through SPI
[1]: HS gate driver commanded on
[0]: HS gate driver commanded off
3
0
BYPASSCTL
Enables low current bypass through SPI:
[1]: LCB commanded on
[0]: LCB commanded off
2
0
Reserved
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
1
Parity bit
Odd parity bit check
Table 50. CR#2: control register 2 (read/write); address 02h
Bit
Default
Name
Description
23 ÷ 16 00000000
T_NOM
Configures the value of nominal time required for the fuse emulation: tNOM (s) =
b{T_NOM(7:0), 1}
T_NOMmin = 00000000 → tNOM (s) = b000000001 = 1 s
T_NOMmax = 11111111 → tNOM (s) = b111111111 = 511 s
The nominal time corresponds to the trip time obtained when the current is equal to the
nominal overcurrent threshold (OVC_THR).
15 ÷ 11
00000
OVC _THR
Configures the value of the nominal overcurrent threshold.
The threshold can be set in the range 6 mV to 90 mV
See Table 19. Overcurrent protection.
10 ÷ 7
0000
HSC_THR
Configures a threshold for hard short circuit latch-off.
The threshold can be set in the range from 20 mV to 160 mV.
See Table 18. Hard short circuit protection with integrated 10-bit ADC.
6 ÷ 2
00000
VDS_THRS
Configures a threshold for external MOSFET desaturation shut-down. The threshold can be
set in the range from 0.3 V to 1.80 V in steps of 50 mV (default = 300 mV). Configuration
0x1F is reserved.
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
Parity bit
Odd parity bit check
VNF1248F
SPI functional description
DS14109 - Rev 7
page 52/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com