Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248FTR Datasheet(PDF) 65 Page - STMicroelectronics

Part # VNF1248FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248FTR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VNF1248FTR Datasheet HTML 61Page - STMicroelectronics VNF1248FTR Datasheet HTML 62Page - STMicroelectronics VNF1248FTR Datasheet HTML 63Page - STMicroelectronics VNF1248FTR Datasheet HTML 64Page - STMicroelectronics VNF1248FTR Datasheet HTML 65Page - STMicroelectronics VNF1248FTR Datasheet HTML 66Page - STMicroelectronics VNF1248FTR Datasheet HTML 67Page - STMicroelectronics VNF1248FTR Datasheet HTML 68Page - STMicroelectronics VNF1248FTR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
14
Application information
Figure 21. Application diagram (MCU 3.3 V)
VNF1248F
VBATT
CP
VS
EXT_LDO
GND
V3V3
CP
CS2
CP2P
CP2M
CP1P
CP1M
VSPI
DIAG
HWLO
SPI
4
VBATT
CP1
CP2
OUTST
DIN
VS
RPD
RPROT(VSPI)
RPU
CVSPI
CV3V3
CS1
HOST MICRO
3.3V Voltage
regulator
RPROTB
RPROTB
RPROTB
RPROT(SPI)
RSENSE
SENSE_N
SENSE_P
LOAD
HS_GATE
NTC
RNTC
RREF
OUT
RGATE
D1
NTC_M
TEST2
TEST1
RPROTA
RPROTA
470nF
EXT_REG 3.3V
Optional circuit to externally
supply EXT_LDO pin. If used,
remove the pull-down on EXT_LDO.
RPROTA
VSENSE
Figure 22. Application diagram (MCU 5 V)
VNF1248F
VBATT
CP
VS
EXT_LDO
GND
V3V3
CP
CS2
CP2P
CP2M
CP1P
CP1M
VSPI
DIAG
HWLO
SPI
4
VBATT
CP1
CP2
OUTST
DIN
VS
RPD
RPROT(VSPI)
RPU
CVSPI
CV3V3
CS1
HOST MICRO
5V Voltage
regulator
RPROTB
RPROTB
RPROTB
RPROT(SPI)
RSENSE
SENSE_N
SENSE_P
LOAD
HS_GATE
NTC
RNTC
RREF
OUT
RGATE
D1
NTC_M
TEST2
TEST1
RPROTA
RPROTA
470nF
EXT_REG 3.3V
Optional circuit to externally
supply EXT_LDO pin. If used,
remove the pull-down on EXT_LDO.
RPROTA
RA
RB
VSENSE
VNF1248F
Application information
DS14109 - Rev 7
page 65/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com