Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248FTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # VNF1248FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248FTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VNF1248FTR Datasheet HTML 26Page - STMicroelectronics VNF1248FTR Datasheet HTML 27Page - STMicroelectronics VNF1248FTR Datasheet HTML 28Page - STMicroelectronics VNF1248FTR Datasheet HTML 29Page - STMicroelectronics VNF1248FTR Datasheet HTML 30Page - STMicroelectronics VNF1248FTR Datasheet HTML 31Page - STMicroelectronics VNF1248FTR Datasheet HTML 32Page - STMicroelectronics VNF1248FTR Datasheet HTML 33Page - STMicroelectronics VNF1248FTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
9
Capacitive charging mode–CCM
Digital logic implements a PWM-based control of high-side driver to allow charging a capacitive load through the
off-chip power MOSFET driven by the device.
Load charging is split in two phases:
•
Start charging: in this phase the load is charged with a slower PWM period, to check for possible short
circuit on output; a maximum number of PWM pulses is allowed to reach a minimum VOUT value, otherwise
CCM is aborted
•
Standard charging: in this phase the load is charged with a nominal PWM period until VDS reaches an
internally defined threshold (100 mV), or timeout limit is reached
Burst mode control is configured by the following programmable parameters:
•
PWM period (CR#5 - CCM_PWM_T): PWM period (Ton + Toff) set during standard charging phase
•
PWM Ton time (CR#5 - CCM_PWM_TON): PWM interval time with high-side driver turned on
•
PWM Ton Multiplying Factor (CR#3 - CCM_PWM_TON_MF): to multiply by 1/2/4/8 Ton time defined by
CCM_PWM_TON setting, for duty cycle configuration
•
PWM start period (CR#5 - CCM_PWM_SC_T): PWM period (Ton + Toff) set during starting phase (short
circuit check)
•
PWM start pulses max number (CR#5 - CCM_PWM_SC_T_NB): Max number of PWM pulses during
starting phase (short circuit check)
•
CCM timeout (CR#5 – CCM_PWM_TIMEOUT): Maximum time allowed to charging phase
•
VOUT threshold (CR#3 – CCM_VOUT_THR): VOUT limit to overcome to switch form starting phase to
standard charging phase
According to parameter settings, PWM frequency and duty cycle allowed ranges are:
•
PWM standard frequency = 1/CCM_PWM_T → [250 Hz : 20 kHz]
•
PWM standard duty cycle = CCM_PWM_TON_MF*CCM_PWM_TON/CCM_PWM_T
–
CCM_PWM_T = 50 μs (min.) → CCM_PWM_TON_MF x [2 : 100]%
–
CCM_PWM_T = 4 ms (max.) → CCM_PWM_TON_MF x [0.025 : 1.25]%
•
PWM start frequency = 1/CCM_PWM_SC_T → [250 Hz : 500 Hz]
•
PWM start duty cycle = CCM_PWM_TON_MF*CCM_PWM_TON/CCM_PWM_SC_T
–
CCM_PWM_SC_T = 2 ms (min.) → CCM_PWM_TON_MF x [0.05: 2.5]%
–
CCM_PWM_SC_T = 4 ms (max.) → CCM_PWM_TON_MF x [0.025 : 1.25]%
Burst mode control can be activated in two different ways.
•
Control registers: two trigger bits (CR#1 - CCM_CTRL_ON, CCM_CTRL_OFF) are available to,
respectively, turn-on or turn-off CCM burst mode when the device is in unlocked/locked state
•
DIN input: specific toggling sequence on this pin (at least 4 rising edges within tDIN_TOGGLE_TOUT) allows to
turn-on CCM burst mode when the device is in fail-safe state; DIN must be kept high during CCM, as DIN
is driven low load charging is stopped and the device exits from CCM burst mode
CCM operation status is accessible through a specific field in SR#1 register (CCM_STATUS), encoding the
following information:
•
IDLE: CCM operation not started
•
RUN: CCM operation started, running
•
CHARGED: CCM operation completed successfully (VDS fixed threshold reached)
•
CHARGE INCOMPLETE: CCM operation aborted (timeout or short-circuit condition) or stopped (CCM
switched off while running)
VNF1248F
Capacitive charging mode–CCM
DS14109 - Rev 7
page 30/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com