Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248FTR Datasheet(PDF) 63 Page - STMicroelectronics

Part # VNF1248FTR
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248FTR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button VNF1248FTR Datasheet HTML 59Page - STMicroelectronics VNF1248FTR Datasheet HTML 60Page - STMicroelectronics VNF1248FTR Datasheet HTML 61Page - STMicroelectronics VNF1248FTR Datasheet HTML 62Page - STMicroelectronics VNF1248FTR Datasheet HTML 63Page - STMicroelectronics VNF1248FTR Datasheet HTML 64Page - STMicroelectronics VNF1248FTR Datasheet HTML 65Page - STMicroelectronics VNF1248FTR Datasheet HTML 66Page - STMicroelectronics VNF1248FTR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
•
Unlocked state, if one of the following conditions is met:
1. Watchdog fail
2. SPI communication error detected
3. HWLO external pin set high if LOCKED_MODE_EN bit (CR#1) set to '0'
4. ‘EN’ bit set to ‘0’ by SPI frame, if LOCKED_MODE_EN bit (CR#1) set to '0'
•
Locked state, if watchdog fails or SPI communication errors are detected
•
Self-test state, if watchdog fails or HWLO pin is set high
The device can leave the fail-safe state to:
•
Standby state (see above)
•
Unlocked state, by well-defined SPI frame sequence
13.5
Unlocked state
In this state the device functionalities are fully operative and controllable by hardware and software:
•
External FET controllable by SPI interface or DIN (if enabled)
•
Internal bypass controllable by SPI interface
•
Channel protection is enabled according to external FET and bypass status
•
Device protections enabled
•
SPI interface active (watchdog monitoring enabled)
•
RAM registers fully accessible
•
CCM capacitive charging mode functionality is available if enabled by a dedicated control bit
The unlocked state can be reached from
•
Standby and fail-safe states (refer to previous sections)
•
Locked state, by well-defined SPI frame sequence
•
Self-test state, at the end of self-test execution or if the SPI self-test stop command is received
The device can leave this state to
•
Standby and fail-safe states (refer to previous sections)
•
Locked state, if one of the following conditions is met:
•
1. HWLO external pin set high, if LOCKED_MODE_EN it (CR#1) set to '1'
2. 'EN' bit set to '0' by SPI frame, if LOCKED_MODE_EN bit (CR#1) set to '1'
•
Self-test state, if a specific self-test has been selected and its execution has been triggered
13.6
Locked state
In this state the device configuration cannot be changed, while user still has software/hardware turn-on/off control
of external FET and bypass switch:
•
External FET controllable by SPI interface combined with DIN input (if enabled)
•
Internal bypass controllable by SPI interface
•
Channel protection enabled according to external FET and bypass status
•
Device protections enabled
•
SPI interface active (watchdog monitoring enabled)
•
RAM registers fully accessible if NVM_DEF_CFG_EN = 1 (device configuration from NVM) otherwise
locked
•
Capacitive load burst charging mode functionality available if enabled either by dedicated control bit
The device can reach this state only from unlocked and leave it to standby, fail-safe, or unlocked as described
previously in this document.
VNF1248F
Functional description
DS14109 - Rev 7
page 63/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com