Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 30 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 30 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 26Page - Texas Instruments ONET1130EC Datasheet HTML 27Page - Texas Instruments ONET1130EC Datasheet HTML 28Page - Texas Instruments ONET1130EC Datasheet HTML 29Page - Texas Instruments ONET1130EC Datasheet HTML 30Page - Texas Instruments ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments ONET1130EC Datasheet HTML 33Page - Texas Instruments ONET1130EC Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
To digitally monitor the photodiode current, ensure that TXDMONP = 1 (bit 6 of register 16) and that a resistor is
not connected to the MONP pin. To digitally monitor the bias current, ensure that TXDMONB = 1 (bit 5 of register
16) and that a resistor is not connected to the MONB pin. The ADC is disabled by default. To enable the ADC,
set the ADC oscillator enable bit OSCEN = 1 (bit 6 of register 3) and set the ADC enable bit ADCEN = 1 (bit 7 of
register 3).
The digital word read from the ADC can be converted to its analog equivalent through the following formulas.
Temperature (°C) = (0.5475 × ADCx) – 273
(1)
Power supply voltage (V) = (1.36m × ADCx) + 1.76
(2)
IPD(
μA) = 2 x [ (0.62 × ADCx) – 16] for TXPDRNG00
(3)
IPD(
μA) = 4 x [ (0.62 × ADCx) – 16] for TXPDRNG01
(4)
IPD(
μA) = 8 x [ (0.62 × ADCx) – 16] for TXPDRNG1x
(5)
IBIAS (mA) = (0.2 × ADCx) – 4.5
(6)
Where: ADCx = the decimal value read from the ADC
8.3.3.4 2-Wire Interface and Control Logic
The ONET1130EC uses a 2-wire serial interface for digital control. The two circuit inputs, SDA and SCK, are
driven, respectively, by the serial data and serial clock from a microprocessor, for example. The SDA and SCK
pins require external 4.7-k
Ω to 10-kΩ pull-up resistor to VCC for proper operation.
The 2-wire interface allows write access to the internal memory map to modify control registers and read access
to read out the control signals. The ONET1130EC is a slave device only which means that it cannot initiate a
transmission itself; it always relies on the availability of the SCK signal for the duration of the transmission. The
master device provides the clock signal as well as the START and STOP commands. The protocol for a data
transmission is as follows:
1. START command
2. Seven (7) bit slave address (0001000) followed by an eighth bit which is the data direction bit (R/W). A zero
indicates a WRITE and a 1 indicates a READ.
3. 8 bit register address
4. 8 bit register data word
5. STOP command
Regarding timing, the ONET1130EC is I2C compatible. The typical timing is shown in Figure 2 and a complete
data transfer is shown in Figure 40. Parameters for Figure 2 are defined in Table 1.
8.3.3.5 Bus Idle
Both SDA and SCK lines remain HIGH
8.3.3.6 Start Data Transfer
A change in the state of the SDA line, from HIGH to LOW, while the SCK line is HIGH, defines a START
condition (S). Each data transfer is initiated with a START condition.
8.3.3.7 Stop Data Transfer
A change in the state of the SDA line from LOW to HIGH while the SCK line is HIGH defines a STOP condition
(P). Each data transfer is terminated with a STOP condition; however, if the master still wishes to communicate
on the bus, it can generate a repeated START condition and address another slave without first generating a
STOP condition.
8.3.3.8 Data Transfer
Only one data byte can be transferred between a START and a STOP condition. The receiver acknowledges the
transfer of data.
30
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com