Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 40 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 40 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 36Page - Texas Instruments ONET1130EC Datasheet HTML 37Page - Texas Instruments ONET1130EC Datasheet HTML 38Page - Texas Instruments ONET1130EC Datasheet HTML 39Page - Texas Instruments ONET1130EC Datasheet HTML 40Page - Texas Instruments ONET1130EC Datasheet HTML 41Page - Texas Instruments ONET1130EC Datasheet HTML 42Page - Texas Instruments ONET1130EC Datasheet HTML 43Page - Texas Instruments ONET1130EC Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
8.6.3.4 TX Register 13 (offset = 0h) [reset = 0]
Figure 54. TX Register 13
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 16. TX Register 13 Field Descriptions
Bit
Field
Type
Reset
Description
TX output selection bit
7
TXOUTSEL
R/W
0h
1 = The negative output TXOUT– is active if TXMODE = 1
0 = The positive output TXOUT+ is active if TXMODE = 1
TX output mode selection bit
6
TXMODE
R/W
0h
1 = Single-ended mode
0 = Differential mode
TX output de-emphasis mode selection bit
5
TXSTEP
R/W
0h
1 = Delayed de-emphasis
0 = Normal de-emphasis
TX edge speed selection bit
4
TXSLOW
R/W
0h
1 = Slow edge speed
0 = Normal operation
3
TXDEADJ3
R/W
0h
TX de-emphasis setting
0000 = minimum
2
TXDEADJ2
R/W
0h
1111 = maximum
1
TXDEADJ1
R/W
0h
0
TXDEADJ0
R/W
0h
8.6.3.5 TX Register 14 (offset = 0000 0000) [reset = 0h]
Figure 55. TX Register 14
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 17. TX Register 14 Field Descriptions
Bit
Field
Type
Reset
Description
7
TXCPSGN
R/W
0h
TX Eye cross-point adjustment setting
TXCPSGN = 1 (positive shift)
6
TXCPADJ6
R/W
0h
Maximum shift for 1111111
5
TXCPADJ5
R/W
0h
Minimum shift for 0000000
4
TXCPADJ4
R/W
0h
TXCPSGN = 0 (negative shift)
3
TXCPADJ3
R/W
0h
Maximum shift for 1111111
2
TXCPADJ2
R/W
0h
Minimum shift for 0000000
1
TXCPADJ1
R/W
0h
0
TXCPADJ0
R/W
0h
40
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com