Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 47 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 47 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 43Page - Texas Instruments ONET1130EC Datasheet HTML 44Page - Texas Instruments ONET1130EC Datasheet HTML 45Page - Texas Instruments ONET1130EC Datasheet HTML 46Page - Texas Instruments ONET1130EC Datasheet HTML 47Page - Texas Instruments ONET1130EC Datasheet HTML 48Page - Texas Instruments ONET1130EC Datasheet HTML 49Page - Texas Instruments ONET1130EC Datasheet HTML 50Page - Texas Instruments ONET1130EC Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
8.6.5.4 TX Register 43 (offset = 0000 0000) [reset = 0h]
Figure 65. Core Level Register 43
7
6
5
4
3
2
1
0
0
0
0
0
Reserved
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; RCLR = Read clear
Table 27. TX Registers 43 Field Descriptions
Bit
Field
Type
Reset
Description
TX CDR lock status bit
7
TXCDRLock
R
0
1 = TX CDR is not locked
0 = TX CDR is locked
Latched low status of bit 7. Cleared when read.
6
TXCDRLock (latched Low)
RCLR
0
Latched low bit set to 0 when raw status goes low and keep it low even if
raw status goes high.
TX fault status bit
5
TX_FLT
R
0
1 = TX fault detected
0 = TX fault not detected
TX driver disable status bit
4
TX_DRVDIS
R
0
1 = TX fault logic disables the driver
0 = TX fault logic does not disable the driver
3:0
–
R
0
Reserved
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com