Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 45 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 45 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 41Page - Texas Instruments ONET1130EC Datasheet HTML 42Page - Texas Instruments ONET1130EC Datasheet HTML 43Page - Texas Instruments ONET1130EC Datasheet HTML 44Page - Texas Instruments ONET1130EC Datasheet HTML 45Page - Texas Instruments ONET1130EC Datasheet HTML 46Page - Texas Instruments ONET1130EC Datasheet HTML 47Page - Texas Instruments ONET1130EC Datasheet HTML 48Page - Texas Instruments ONET1130EC Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
8.6.5 Read Only Registers
8.6.5.1 Core Level Register 40 (offset = 0000 0000) [reset = 0h]
Figure 62. Core Level Register 40
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 24. Core Level Register 40 Field Descriptions
Bit
Field
Type
Reset
Description
7
ADC9 (MSB)
R
0h
Digital representation of the ADC input source (read only)
6
ADC8
R
0h
5
ADC7
R
0h
4
ADC6
R
0h
3
ADC5
R
0h
2
ADC4
R
0h
1
ADC3
R
0h
0
ADC2
R
0h
8.6.5.2 Core Level Register 41 (offset = 0000 0000) [reset = 0h]
Figure 63. Core Level Register 41
7
6
5
4
3
2
1
0
Reserved
0
0
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 25. Core Level Register 41 Field Descriptions
Bit
Field
Type
Reset
Description
7:2
–
R
0h
Reserved
1
ADC1
R
0h
Digital representation of the ADC input source (read only)
0
ADC0 (LSB)
R
0h
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com