Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 7 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments ONET1130EC Datasheet HTML 10Page - Texas Instruments ONET1130EC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
DC Electrical Characteristics (continued)
Over recommended operating conditions, open loop operation, VOUT = 2 VPP single-ended, I(BIAS) = 80 mA, unless otherwise
noted. Typical operating condition is at VCC = 2.5 V and TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Photodiode reverse bias voltage
APC active, I(PD) = 1500 μA
1.3
2.3
V
Photodiode fault current level
Percent of target I(PD)
(2)
150%
V(PD)
I(MONP) / I(PD) with control bit PDRNG = 1X
10%
12.5%
15%
Photodiode current monitor ratio
I(MONP) / I(PD) with control bit PDRNG = 01
20%
25%
30%
I(MONP) / I(PD) with control bit TXPDRNG = 00
40%
50%
60%
Monitor diode DMI accuracy
With external mid-scale calibration
±10%
Bias current monitor ratio
I(MONB) / I(BIAS) (nominal 1/100 = 1%), V(MONB) < 1.5V
0.9%
1%
1.1%
Bias current DMI accuracy
I(BIAS) ≥ 20 mA
–15%
15%
Power supply monitor accuracy
With external mid-scale calibration
–2%
2%
V(CC-RST)
VCC reset threshold voltage
VCC voltage level which triggers power-on reset
1.8
2.1
V
V(CC-
VCC reset threshold voltage
100
mV
RSTHYS)
hysteresis
TXFLTEN = 1, TXDMONB = 0, Fault occurs if voltage at
V(MONB-FLT) Fault voltage at MONB
1.15
1.2
1.25
V
MONB exceeds this value
TXFLTEN = 1, TXMONPFLT = 1, TXDMONP = 0, Fault
V(MONP-FLT) Fault voltage at MONP
1.15
1.2
1.25
V
occurs if voltage at MONP exceeds this value
(2)
Assured by design over process, supply and temperature variation
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com