Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1130EC Datasheet(PDF) 6 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 2Page - Texas Instruments ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments ONET1130EC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
7.4 Thermal Information
RSM (VQFN)
THERMAL METRIC(1)
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
37.2
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
30.1
°C/W
RθJB
Junction-to-board thermal resistance
7.8
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
7.6
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
2.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 DC Electrical Characteristics
Over recommended operating conditions, open loop operation, VOUT = 2 VPP single-ended, I(BIAS) = 80 mA, unless otherwise
noted. Typical operating condition is at VCC = 2.5 V and TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.37
2.5
2.63
V
Supply current in single-ended TX
225
266
mA
TXMODE = 1, TXCDR_DIS = 0, TX VOUT = 2 VPP single-
mode with CDRs enabled
ended, I(BIAS) = 0 mA; RXCDR_DIS = 0, 600 mVPP
Power dissipation in single-ended TX differential RX output
563
699
mW
mode with CDRs enabled
Supply current in differential TX
270
310
mA
TXMODE = 0, TXCDR_DIS = 0, TX VOUT = 1.8 VPP
mode with CDRs enabled
single-ended, I(BIAS) = 0 mA; RXCDR_DIS = 0, 600 mVPP
Power dissipation in differential TX
differential RX output
675
815
mW
mode with CDRs enabled
IVCC
Supply current in single-ended TX
161
185
mA
TXMODE = 1, TXCDR_DIS = 1, TX VOUT = 2 VPP single-
mode with CDRs disabled
ended, I(BIAS) = 0 mA; RXCDR_DIS = 1, 600 mVPP
Power dissipation in single-ended TX differential RX output
403
487
mW
mode with CDRs disabled
Supply current in differential TX
206
242
mA
TXMODE = 0, TXCDR_DIS = 1, TX VOUT = 1.8 VPP
mode with CDRs disabled
single-ended, I(BIAS) = 0 mA; RXCDR_DIS = 1, 600 mVPP
Power dissipation in differential TX
differential RX output
515
636
mW
mode with CDRs disabled
R(TXIN)
Transmitter data input resistance
Differential between TXIN+ / TXIN–
100
Ω
Transmitter data input termination
5%
mismatch
R(RXIN)
Receiver data input resistance
Differential between RXIN+ / RXIN–
100
Ω
R(OUT)
Transmitter output resistance
Single-ended at TXOUT+ or TXOUT–
60
Ω
R(RXOUT)
Receiver data output resistance
Differential between RXOUT+ or RXOUT–
90
Ω
Receiver data output termination
5%
mismatch
Digital input current
TX_DIS, RX_DIS pull up to VCC
–20
20
µA
LOL, TX_FLT, RX_LOS, pull-up to VCC,
VOH
Digital output high voltage
2.1
V
ISOURCE = 37.5 μA
LOL, TX_FLT, RX_LOS, pull-up to VCC,
VOL
Digital output low voltage
0.4
V
ISINK = 350 μA
I(BIAS-MIN)
Minimum bias current
See (1)
5
mA
Source. BIASPOL = 0, DAC set to maximum, open and
145
150
closed loop
I(BIAS-MAX)
Maximum bias current
mA
Sink. BIASPOL = 1, DAC set to maximum, open and
95
100
closed loop
I(BIAS-DIS)
Bias current during disable
100
µA
Average power stability
APC loop enabled
±0.5
dB
Source. TXBIASPOL = 0
VCC-0.45
V
Bias pin compliance voltage
Sink. TXBIASPOL = 1
0.45
Temperature sensor accuracy
With 1-point external mid-scale calibration
±3
°C
(1)
The bias current can be set below the specified minimum according to the corresponding register setting; however, in closed loop
operation settings below the specified value may trigger a fault.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com