Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H92 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 44Page - STMicroelectronics L99H92 Datasheet HTML 45Page - STMicroelectronics L99H92 Datasheet HTML 46Page - STMicroelectronics L99H92 Datasheet HTML 47Page - STMicroelectronics L99H92 Datasheet HTML 48Page - STMicroelectronics L99H92 Datasheet HTML 49Page - STMicroelectronics L99H92 Datasheet HTML 50Page - STMicroelectronics L99H92 Datasheet HTML 51Page - STMicroelectronics L99H92 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
0 = no error (default)
1 = error detected
The DE bit is cleared by a Read & Clear command of all related flags in the Status Register DSR1. The
NRDY status bit together with the CPLOW status bit (for CP_LOW_CONFIG=1) cannot be cleared by a
Read & clear command.
17
GW
Global warning bit
The GW bit is a logical OR combination of warning flags. Warning bits do not lead to any device state
change or switch off of functions.
•
Thermal warning status flag (TW)
•
VS overvoltage warning status flag (VSOVW)
0 = no warning (default)
1 = warning detected
The GW bit is cleared by a Read & clear command of all related flags in the Status Register DSR1.
16
FS
Fail-safe bit
The FS bit indicates that the device was forced into fail-safe mode.
•
Watchdog fault status flag (WDGF)
•
Fail-safe input not status bit (FSIN)
0 = no error (default)
1 = error detected
The FS bit is cleared by a Read & clear command of the Status register WDGF flag assuming that the FSIN
status bit is reset to zero. The FSIN status bit, logical OR of FSINLL, FSINHS1, FSINLS1, FSINHS2 and
FSINLS2, cannot be cleared by a Read & Clear command.
L99H92
Global status byte GSB
DS14069 - Rev 4
page 48/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com