Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H92 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Figure 17. H-driver delay times
VGS(HL)x
t
VCSN,PWMH, DIR
t
t
20%
80%
50%
VCSN,PWMH, DIR
50%
TG(HL)xLH
TG(HL)xHL
Figure 18. IGHx, IGLx accuracy
GADG120920221022SA
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
1
6
11
16
21
26
31
Slew Rate Data Input
Typ
L99H92
Full-bridge driver
DS14069 - Rev 4
page 34/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com