Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H92 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 48Page - STMicroelectronics L99H92 Datasheet HTML 49Page - STMicroelectronics L99H92 Datasheet HTML 50Page - STMicroelectronics L99H92 Datasheet HTML 51Page - STMicroelectronics L99H92 Datasheet HTML 52Page - STMicroelectronics L99H92 Datasheet HTML 53Page - STMicroelectronics L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
6
WDGF
Watchdog fault flag. This flag is set and latched as soon as a watchdog fault is detected. The flag can
be cleared by proper SPI Read & Clear command.
5
DIOOV
Digital IO overvoltage flag. This flag is set and latched as soon as an overvoltage is detected on any of
the following digital input/output pins: PWM/IN1, DIR/IN2, DIAGN, CSO1, CSO2, CSN, SDI, SDO, CLK.
It can be cleared by SPI, only if the source of the fault is no longer present.
4
DSHS1
VDS monitoring flags. Flag DSxSn (x=L,S / n=1,2) is set and latched as soon as the VDS of the
corresponding MOSFET exceeds the relative threshold (set by DSMON[3:0] bits) for a time longer than
the corresponding filtering time or blanking plus filtering time, where the blanking time is applicable. It
can be cleared by SPI, only if the source of the fault is no longer present.
3
DSLS1
2
DSHS2
1
DSLS2
1. The CPLOW is a Read & Clear status flag or a read only status bit depending on the value of the control bit
CP_LOW_CONFIG.
Table 46. Status register DSR2 (0x02) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
RES
RES
RES
FSINLL
FSINHS1
FSINLS1
FSINHS2
Reserved
bit
Reserved
bit
Reserved bit
Reserved bit
Fail-safe
input not logic
level bit
Fail-safe input
not effect on
HS1 bit
Fail-safe input
not effect on
LS1 bit
Fail-safe input
not effect on
HS2 bit
Bit
Name
Description
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
FSINLL
Fail-safe input not logic level bit. This bit reflects the inverted logic level of the FSINB pin taking into
account the corresponding analog filtering time (tFSINB_filt). This bit is automatically set anytime the
FSINB pin is pulled low for a time longer than the corresponding filtering time and automatically reset
anytime the FSINB pin is pulled high for a time longer than the filtering time. It is a read only bit, so it
cannot be cleared by SPI. In case the FSINB pin is left floating, because of the internal pull-down at
the FSINB pin, the bit is automatically set to one.
10
FSINHS1
Fail-safe input not effect on HS1 bit. This bit indicates whether the HS1 gate driver is configured in sink
switch mode (FSINHS1=1) because of the FSINLL set to one or not (FSINHS1=0). In case of no faults
the FSINHS1 bit should be automatically set once the FSINLL is set and automatically reset once the
FSINLL is reset. It is a read only bit, so it cannot be cleared by SPI.
9
FSINLS1
Fail-safe input not effect on LS1 bit. This bit indicates whether the LS1 gate driver is configured in sink
switch mode (FSINLS1=1) because of the FSINLL set to one or not (FSINLS1=0). In case of no faults
the FSINLS1 bit should be automatically set once the FSINLL is set and automatically reset once the
FSINLL is reset. It is a read only bit, so it cannot be cleared by SPI.
8
FSINHS2
Fail-safe input not effect on HS2 bit. This bit indicates whether the HS2 gate driver is configured in sink
switch mode (FSINHS2=1) because of the FSINLL set to one or not (FSINHS2=0). In case of no faults
the FSINHS2 bit should be automatically set once the FSINLL is set and automatically reset once the
FSINLL is reset. It is a read only bit, so it cannot be cleared by SPI.
L99H92
Status registers
DS14069 - Rev 4
page 52/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com