Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H92 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics L99H92 Datasheet HTML 58Page - STMicroelectronics L99H92 Datasheet HTML 59Page - STMicroelectronics L99H92 Datasheet HTML 60Page - STMicroelectronics L99H92 Datasheet HTML 61Page - STMicroelectronics L99H92 Datasheet HTML 62Page - STMicroelectronics L99H92 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reserved
bit
CSA1 gain selection bits
Reserved bit
CSA1 disable bit
Reserved bit
CSA1 output offset
bit
Reserved bit
Bit
Name
Description
15
RES
Reserved
14
GCSA1[1] CSA1 gain selection control bits.
00=10
01=20
10=50
11=100
13
GCSA1[0]
12
RES
Reserved
11
DCSA1
CSA1 disable control bit. If this control bit is set the CSA1 is disabled, otherwise it is enabled.
10
RES
Reserved
9
CSA1OO
CSA1 output offset control bit. If this bit is reset, the output offset is set to VO0, otherwise it is set to
VO1.
8
RES
Reserved
Table 59. Control register CSCR (0x08) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R/W)
0 (R/W)
0 (R)
0 (R/W)
0 (R)
0 (R/W)
RES
GCSA2[1]
GCSA2[0]
RES
DCSA2
RES
CSA2OO
P
Reserved
bit
CSA2 gain selection bits
Reserved bit
CSA2 disable bit
Reserved bit
CSA2 output offset
bit
Parity bit
Bit
Name
Description
7
RES
Reserved
6
GCSA2[1] CSA2 gain selection control bits.
00=10
01=20
10=50
11=100
5
GCSA2[0]
4
RES
Reserved
3
DCSA2
CSA2 disable control bit. If this control bit is set the CSA2 is disabled, otherwise it is enabled.
2
RES
Reserved
1
CSA2OO
CSA2 output offset control bit. If this bit is reset, the output offset is set to VO0, otherwise it is set to
VO1.
0
P
Parity bit
Table 60. Diagnostic control register DIAGCR (0x09) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
DGVDHOVE DGVDHUVE
DGVSOVWE
DGVDDOVE
DGTWE
DGTSDE
DGFSINE
DGNRDYE
Diagnostic
output
VDHOV
enable bit
Diagnostic
output
VDHUV
enable bit
Diagnostic
output VSOVW
enable bit
Diagnostic
output VDDOV
enable bit
Diagnostic
output TW
enable bit
Diagnostic
output TSD
enable bit
Diagnostic
output FSIN
enable bit
Diagnostic
output NRDY
enable bit
L99H92
Control registers
DS14069 - Rev 4
page 59/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com