Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H92 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics L99H92 Datasheet HTML 10Page - STMicroelectronics L99H92 Datasheet HTML 11Page - STMicroelectronics L99H92 Datasheet HTML 12Page - STMicroelectronics L99H92 Datasheet HTML 13Page - STMicroelectronics L99H92 Datasheet HTML 14Page - STMicroelectronics L99H92 Datasheet HTML 15Page - STMicroelectronics L99H92 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
Figure 6. Full-bridge drain-source monitoring diagnosis
GADG120920220932SA
M
VDH
GH1
VDH
SH1
GL1
VDH
GH2
SH2
GL2
20k
20k
Gate Driver HS
Gate Driver LS
DS-Monitoring HS
DS-Monitoring LS
OL-Monitoring
VSCd
VSCd
20k
20k
Gate Driver HS
Gate Driver LS
DS-Monitoring HS
DS-Monitoring LS
OL-Monitoring
VSCd
VSCd
SL1
SL2
2.6.4
Programmable cross current protection time (DT)
In any input mode (dual half-bridge mode or full-bridge mode), the device automatically adds a dead-time
between the turn-off of a MOSFET and the turn-on of the complementary one (that is, the other MOSFET of the
same leg) to avoid cross-conduction in any of the half-bridges.
In dual half-bridge mode, each half-bridge dead-time tDT (from tDT0000 to tDT1111) is independently configurable by
control bits DT1[3:0] and DT2[3:0]. Instead, in full-bridge mode, the dead time of both half-bridges is set by control
bits DT1[3:0].
2.7
Diagnostic in off-mode (O1DS/O2DS)
Two off-state diagnostic comparators compare the drop between each half-bridge output (SHx pin) and related LS
MOSFET source (SLx) to a programmable threshold , while all the transistors are switched off. Possible system
faulty conditions such as open-load, output shorted to ground or to battery, before even turning on any of the
MOSFETs can be so detected.
The outputs of the off-state diagnostic comparators are always available (except in standby mode) and can be
read through O1DS and O2DS status bits of the status register DSR2.
When the OUTE control bit set, the O1DS and the O2DS status bits provide the not filtered SH1 and SH2 output
logic levels respect to the threshold, selected by the DSMONxy control bits, respectively. In all the other cases
(except in standby mode, where everything is disabled) the O1DS and the O2DS status bits provide the not
filtered SH1 and SH2 output logic levels respect to the threshold, selected by the OLTHH control bit, respectively.
To run off-state diagnostic the device has to be in off-state diagnostic mode.
To enter in off–state diagnostic mode at least the OLH1L2 control bit or the OLH2L1 control bit has to be set to
one with the device OUTE control bit set to zero and CSA must be disabled. To exit from off–state diagnostic
mode either the OUTE control bit is set to one or both the OLH1L2 and the OLH2L1 are set to zero. In off–state
diagnostic mode a pull-up resistor is connected to one of the half-bridge outputs or to both and two pull-down
resistors are connected to the two half-bridge outputs.
Considering that the pull-up resistance is the same as the pull-down resistances, the VDS of the two low side
transistors (that is, the two half-bridge outputs) is expected to be equal to 1/3 VDH if a low resistive load is
connected between the two legs.
On the contrary if the VDS of any of the two low sides is lower than 1/6 VDH (OLTHH=0) or higher than 5/6 VDH
(OLTHH=1), then a faulty condition must be present.
Below figures and table summarize the possible faulty conditions and related OxDS status bits values.
L99H92
Diagnostic in off-mode (O1DS/O2DS)
DS14069 - Rev 4
page 12/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com