Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H92 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 17Page - STMicroelectronics L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics L99H92 Datasheet HTML 20Page - STMicroelectronics L99H92 Datasheet HTML 21Page - STMicroelectronics L99H92 Datasheet HTML 22Page - STMicroelectronics L99H92 Datasheet HTML 23Page - STMicroelectronics L99H92 Datasheet HTML 24Page - STMicroelectronics L99H92 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
For write access the Payload represents the new data written to the addressed register. For Read & Clear
commands the Payload defines which bits of the addressed Status Register will be cleared. In case of a ‘1’ at the
corresponding bit position the status flag will be cleared.
For a Read Operation, the Payload is not used. For functional safety reasons it is recommended to set unused
Payload to ‘0’.
SDO frame
The data-out frame consists of 24 bits (GSB (8 bits) + Data Byte 2 (8 bits) + Data Byte 1 (8 bits)).
The first eight transmitted bits contain the device related status information and are latched into the shift register
at the time of the Communication Start. These 8 bits are transmitted at every SPI transaction.
The subsequent bytes contain the payload data and are latched into the shift register with the eighth positive CLK
edge.
This could lead to an inconsistency of data between the GSB and Payload due to different shift register load
times. Anyhow, no unwanted status register clear should appear, as status information should just be cleared with
a dedicated bit clear after.
Figure 16. SDO frame
GADG120920221019SA
FE
DE
FS
15
14
13
12
11
10
9
7
6
5
4
3
2
1
0
Global Status Byte (GSB)
DATA Byte 2
DATA Byte 1
8
RSTB
GSBN
GW
SPIE
PLE
MSB
LSB
time
time
time
23
22
21
20
19
18
17
DATA Byte 3
16
time
Global status byte (GSB)
The global status byte bits, from Bit16 to Bit19, represent a logical OR combination of status flags and status bits
located in the status register DSR1. Therefore, no direct Read & Clear command can be performed on these GSB
bits.
Table 6. Global status byte
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
GSBN
RSTB
SPIE
-
FE
DE
GW
FS
Global status bit not (GSBN)
The GSBN is a logically NOR combination of global status byte bits from bit 16 to bit 22. This bit can also be used
as Global Error Flag without starting a complete communication frame as it is directly present on SDO after
pulling CSN low.
GSBN = 1 (No error)
GSBN = 0 (Error)
•
ReSeT bit (RSTB)
The RSTB bit indicates that all the device registers have been reset to default. By default, it is set to one coming
out from standby mode. It is reset automatically after any valid SPI communication frame.
•
SPI error bit (SPIE)
The SPIE bit is a logical OR combination of all the errors related to a wrong SPI communication.
Besides, the CLK count, the CSN low timeout and the SDI stuck at errors, the parity error and the read/write
from/to wrong address are reported here as well.
The SPIE bit is automatically cleared by any valid SPI communication frame.
L99H92
ST SPI 4.1
DS14069 - Rev 4
page 21/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com