Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04AD Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC04AD
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04AD Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC04AD Datasheet HTML 1Page - Texas Instruments SN74LVC04AD Datasheet HTML 2Page - Texas Instruments SN74LVC04AD Datasheet HTML 3Page - Texas Instruments SN74LVC04AD Datasheet HTML 4Page - Texas Instruments SN74LVC04AD Datasheet HTML 5Page - Texas Instruments SN74LVC04AD Datasheet HTML 6Page - Texas Instruments SN74LVC04AD Datasheet HTML 7Page - Texas Instruments SN74LVC04AD Datasheet HTML 8Page - Texas Instruments SN74LVC04AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
4
2A
5
NC
6
2Y
7
NC
8
3A
14
5Y
15
NC
16
5A
17
NC
18
6Y
Not to scale
1
1A
14
VCC
2
1Y
13
6A
3
2A
12
6Y
4
2Y
11
5A
5
3A
10
5Y
6
3Y
9
4A
7
GND
8
4Y
Not to scale
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
3
SN54LVC04A, SN74LVC04A
www.ti.com
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, DGV, J, NS, PW, or W Package
14-Pin SOIC, SSOP, TVSOP, CDIP, SOP, TSSOP, or CFP
Top View
RGY Package
14-Pin VQFN With Exposed Thermal Pad
Top View
FK Package
20-Pin LCCC
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com