Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04AD Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC04AD
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04AD Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC04AD Datasheet HTML 1Page - Texas Instruments SN74LVC04AD Datasheet HTML 2Page - Texas Instruments SN74LVC04AD Datasheet HTML 3Page - Texas Instruments SN74LVC04AD Datasheet HTML 4Page - Texas Instruments SN74LVC04AD Datasheet HTML 5Page - Texas Instruments SN74LVC04AD Datasheet HTML 6Page - Texas Instruments SN74LVC04AD Datasheet HTML 7Page - Texas Instruments SN74LVC04AD Datasheet HTML 8Page - Texas Instruments SN74LVC04AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Y
A
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SN54LVC04A, SN74LVC04A
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
SNx4LVC04A Hex Inverters
1
1 Features
1
•
Operate From 1.65 V to 3.6 V
•
Specified From –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
•
Inputs Accept Voltages to 5.5 V
•
Maximum tpd of 4.5 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
Power Sub-Station Controls
•
Ethernet Switches
•
Flow Meters
•
I/O Modules and Digital PLC/DCS Inputs
•
Servers
•
Tests and Measurement
3 Description
The
SNx4LVC04A
hex
inverters
contains
six
independent inverters designed for 2.7-V to 3.6-V VCC
operation,
and
the
SN74LVC04A
hex
inverter
contains six independent inverters designed for
1.65-V to 3.6-V VCC operation. The SNx4LVC04A
devices perform the Boolean function Y = A.
Inputs can be driven from 1.8-V or 3.3-V devices.
This feature allows the use of these devices as
translators in a mixed 1.8-V or 3.3-V system
environment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN54LVC04A
CDIP (14)
19.56 mm × 6.67 mm
CFP (14)
9.21 mm × 5.97 mm
LCCC (20)
8.89 mm × 8.89 mm
SN74LVC04A
SOIC (14)
8.65 mm × 3.91 mm
SSOP (14)
6.20 mm × 5.30 mm
TVSOP (14)
3.60 mm × 4.40 mm
SOP (14)
6.20 mm × 5.30 mm
TSSOP (14)
5.00 mm × 4.40 mm
VQFN (14)
3.50 mm × 3.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram, Each Inverter (Positive Logic)


Similar Part No. - SN74LVC04AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC04AD TI-SN74LVC04AD Datasheet
546Kb / 19P
HEX INVERTERS
SN74LVC04AD TI-SN74LVC04AD Datasheet
834Kb / 21P
HEX INVERTERS
SN74LVC04AD TI1-SN74LVC04AD Datasheet
1Mb / 27P
HEX INVERTERS
SN74LVC04ADB TI-SN74LVC04ADB Datasheet
546Kb / 19P
HEX INVERTERS
SN74LVC04ADBLE TI-SN74LVC04ADBLE Datasheet
546Kb / 19P
HEX INVERTERS
More results

Similar Description - SN74LVC04AD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com