Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04AD Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC04AD
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04AD Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC04AD Datasheet HTML 4Page - Texas Instruments SN74LVC04AD Datasheet HTML 5Page - Texas Instruments SN74LVC04AD Datasheet HTML 6Page - Texas Instruments SN74LVC04AD Datasheet HTML 7Page - Texas Instruments SN74LVC04AD Datasheet HTML 8Page - Texas Instruments SN74LVC04AD Datasheet HTML 9Page - Texas Instruments SN74LVC04AD Datasheet HTML 10Page - Texas Instruments SN74LVC04AD Datasheet HTML 11Page - Texas Instruments SN74LVC04AD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
SN54LVC04A, SN74LVC04A
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
Electrical Characteristics – SN74LVC04A (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
VI = VCC or GND, IO = 0,
VCC = 3.6 V
TA = 25°C
1
µA
TA = –40°C to 85°C
10
TA = –40°C to 125°C
40
ΔICC
Change in supply
current
One input at VCC – 0.6 V,
other inputs at VCC or GND,
VCC = 2.7 V to 3.6 V
TA = 25°C
500
µA
TA = –40°C to 125°C
5000
Ci
Input capacitance VI = VCC or GND, VCC = 3.3 V
5
pF
6.8 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted; see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tpd
Propagation (delay)
time
From A (input)
to Y (output)
VCC = 1.8 V ±0.15 V,
SN74LVC04A only
TA = 25°C
1
4.1
7.5
ns
TA = –40°C to 85°C
1
8
TA = –40°C to 125°C
1
9.5
VCC = 2.5 V ±0.2 V,
SN74LVC04A only
TA = 25°C
1
3.6
7
TA = –40°C to 85°C
1
7.5
TA = –40°C to 125°C
1
9
VCC = 2.7 V
TA = –55°C to 125°C,
SN54LVC04A
5.5
TA = 25°C,
SN74LVC04A
1
3
5.3
TA = –40°C to 85°C,
SN74LVC04A
1
5.5
TA = –40°C to 125°C,
SN74LVC04A
1
7
VCC = 3.3 V ±0.3 V
TA = –55°C to 125°C,
SN54LVC04A
0.5
4.5
TA = 25°C,
SN74LVC04A
1
2.5
4.3
TA = –40°C to 85°C,
SN74LVC04A
1
4.5
TA = –40°C to 125°C,
SN74LVC04A
1
6
tsk(o)
Skew (time), output
VCC = 3.3 V ±0.3 V,
SN74LVC04A only
TA = –40°C to 85°C
1
ns
TA = –40°C to 125°C
1.5
6.9 Operating Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cpd
Power dissipation
capacitance per gate
f = 10 MHz, TA = 25°C
VCC = 1.8 V
6
pF
VCC = 2.5 V
7
VCC = 3.3 V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com