Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04AD Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC04AD
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04AD Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC04AD Datasheet HTML 1Page - Texas Instruments SN74LVC04AD Datasheet HTML 2Page - Texas Instruments SN74LVC04AD Datasheet HTML 3Page - Texas Instruments SN74LVC04AD Datasheet HTML 4Page - Texas Instruments SN74LVC04AD Datasheet HTML 5Page - Texas Instruments SN74LVC04AD Datasheet HTML 6Page - Texas Instruments SN74LVC04AD Datasheet HTML 7Page - Texas Instruments SN74LVC04AD Datasheet HTML 8Page - Texas Instruments SN74LVC04AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
SN54LVC04A, SN74LVC04A
www.ti.com
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in Recommended Operating Conditions.
(4)
For the D package: above 70°C, the value of Ptot derates linearly with 8 mW/K.
(5)
For the DB, DGV, NS, and PW packages: above 60°C, the value of Ptot derates linearly with 5.5 mW/K.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
–0.5
6.5
V
Input voltage, VI
(2)
–0.5
6.5
V
Output voltage, VO
(2) (3)
–0.5
VCC + 0.5
V
Input clamp current, IIK
VI < 0
–50
mA
Output clamp current, IOK
VO < 0
–50
mA
Continuous output current, IO
±50
mA
Continuous current through VCC or GND
±100
mA
Power dissipation, Ptot
TA = –40°C to 125°C
(4) (5)
500
mW
Maximum virtual junction temperature, TJ(MAX)
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine Model (MM)
±200
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See TI application report, Implications of
Slow or Floating CMOS Inputs (SCBA004).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
SN54LVC04A
2
3.6
V
SN74LVC04A
1.65
3.6
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V, SN74LVC04A only
0.65 × VCC
V
VCC = 2.3 V to 2.7 V, SN74LVC04A only
1.7
VCC = 2.7 V to 3.6 V
2
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V, SN74LVC04A only
0.35 × VCC
V
VCC = 2.3 V to 2.7 V, SN74LVC04A only
0.7
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65 V, SN74LVC04A only
–4
mA
VCC = 2.3 V, SN74LVC04A only
–8
VCC = 2.7 V
–12
VCC = 3 V
–24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com