Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04AD Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC04AD
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04AD Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC04AD Datasheet HTML 1Page - Texas Instruments SN74LVC04AD Datasheet HTML 2Page - Texas Instruments SN74LVC04AD Datasheet HTML 3Page - Texas Instruments SN74LVC04AD Datasheet HTML 4Page - Texas Instruments SN74LVC04AD Datasheet HTML 5Page - Texas Instruments SN74LVC04AD Datasheet HTML 6Page - Texas Instruments SN74LVC04AD Datasheet HTML 7Page - Texas Instruments SN74LVC04AD Datasheet HTML 8Page - Texas Instruments SN74LVC04AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
SN54LVC04A, SN74LVC04A
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D, DB, DGV, J,
NS, PW, RGY, W
FK, LCCC
1A
1
2
I
Channel 1 input
1Y
2
3
O
Channel 1 output
2A
3
4
I
Channel 2 input
2Y
4
6
O
Channel 2 output
3A
5
8
I
Channel 3 input
3Y
6
9
O
Channel 3 output
4A
9
13
I
Channel 4 input
4Y
8
12
O
Channel 4 output
5A
11
16
I
Channel 5 input
5Y
10
14
O
Channel 5 output
6A
13
19
I
Channel 6 input
6Y
12
18
O
Channel 6 output
GND
7
10
—
Ground
NC
—
1, 5, 7,
11, 15, 17
—
No internal connection
VCC
14
20
—
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com