Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04AD Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC04AD
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC04AD Datasheet HTML 2Page - Texas Instruments SN74LVC04AD Datasheet HTML 3Page - Texas Instruments SN74LVC04AD Datasheet HTML 4Page - Texas Instruments SN74LVC04AD Datasheet HTML 5Page - Texas Instruments SN74LVC04AD Datasheet HTML 6Page - Texas Instruments SN74LVC04AD Datasheet HTML 7Page - Texas Instruments SN74LVC04AD Datasheet HTML 8Page - Texas Instruments SN74LVC04AD Datasheet HTML 9Page - Texas Instruments SN74LVC04AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
SN54LVC04A, SN74LVC04A
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IOL
Low-level output current
VCC = 1.65 V, SN74LVC04A only
4
mA
VCC = 2.3 V, SN74LVC04A only
8
VCC = 2.7 V
12
VCC = 3 V
24
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information – SN54LVC04A
THERMAL METRIC(1)
SN54LVC04A
UNIT
J (CDIP)
W (CFP)
FK (LCCC)
14 PINS
14 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
92
158.2
85
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.1
88.7
62.5
°C/W
RθJB
Junction-to-board thermal resistance
80.5
156.5
61.2
°C/W
ψJT
Junction-to-top characterization parameter
40.2
58.5
55.8
°C/W
ψJB
Junction-to-board characterization parameter
74.2
135.5
61.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
25.3
15.3
10.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information – SN74LVC04A
THERMAL METRIC(1)
SN74LVC04A
UNIT
D
(SOIC)
DB
(SSOP)
DGV
(TVSOP)
NS
(SOP)
PW
(TSSOP)
RGY
(VQFN)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal
resistance
105.7
113.1
142.7
95.4
129.5
63.2
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
50.8
65.1
61.9
53.2
57.9
61
°C/W
RθJB
Junction-to-board thermal resistance
46.1
60.5
72.1
54.2
71.3
39.1
°C/W
ψJT
Junction-to-top characterization
parameter
8.2
29.1
10.1
21.9
9.9
5.2
°C/W
ψJB
Junction-to-board characterization
parameter
45.6
60
71.4
53.8
70.7
39.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
—
—
—
—
—
20.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com