Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 10Page - Texas Instruments UCC28056CDBVT Datasheet HTML 11Page - Texas Instruments UCC28056CDBVT Datasheet HTML 12Page - Texas Instruments UCC28056CDBVT Datasheet HTML 13Page - Texas Instruments UCC28056CDBVT Datasheet HTML 14Page - Texas Instruments UCC28056CDBVT Datasheet HTML 15Page - Texas Instruments UCC28056CDBVT Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT Datasheet HTML 17Page - Texas Instruments UCC28056CDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
14
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The UCC28056 controller followed with the UCC256403/4 LLC controller device to provide a complete PFC and
LLC isolated off-Line power supply system. The combined power supply is designed to meet tough efficiency and
standby power requirements without the need for an Auxiliary Flyback converter and with no need to switch off
the PFC under light load conditions. It allows designers to meet modern green power standards with a simpler
and lower system cost of power supply.
The controller contains a number of features designed to maximize operating efficiency across the entire range
of Line and Load. A versatile CrM/DCM control algorithm allows UCC28056 to operate in transition mode at full
power and then transition seamlessly into DCM at reduced load without compromising Line current harmonics or
power factor. The controller operates at maximum frequency (Transition mode) when delivering full load and then
automatically reduce switching frequency, moving to DCM operation, when delivering reduced load for maximum
efficiency.
Light-load efficiency and standby power are further enhanced by transitioning automatically to a burst mode of
operation when delivering less than 10% load for UCC28056C variants and 15% load for UCC28056A/B. During
the burst OFF periods, the controller powers down most of its internal circuits to minimize controller power
consumption.
The UCC28056 controller includes a comprehensive list of fault protection features such as cycle-by-cycle
current limit, over-current protection, dual independent output over-voltage protection, Line Brown-In, Over-
temperature protection and supply undervoltage lockout (UVLO).
Quantised 7-level line voltage feed-forward ensures that the loop gain is almost independent of line voltage, to
ease design of the output voltage control loop. A non-linear error amplifier greatly improves the response to large
steps in load without compromising steady state Line current harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com