Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 35 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 35 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 31Page - Texas Instruments UCC28056CDBVT Datasheet HTML 32Page - Texas Instruments UCC28056CDBVT Datasheet HTML 33Page - Texas Instruments UCC28056CDBVT Datasheet HTML 34Page - Texas Instruments UCC28056CDBVT Datasheet HTML 35Page - Texas Instruments UCC28056CDBVT Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
u
ZC2
ZC
DS
ZC1
ZC2
Z
V
t
V
t
Z
Z
u
ZC
L
CS
V
t
I
t
R
§
·
u
u
¨
¸
©
¹
ZC2
ZC
L
CS
DSON
ZC1
ZC2
Z
V
t
I
t
R
R
Z
Z
u
ZC2
ZC
CS
DS
ZC1
ZC2
Z
V
t
V
t
V
t
Z
Z
§
·
u ¨
¸
©
¹
2
2
2
CEquRMSHF
1.525
I
0.3 A
1.15 A
1.37 A
0.610
u
P
P
Out
C
2
68 F
136 F
HLF
100kHz _ ripple _ current _ rating
K
120Hz _ ripple _ current _ rating
u
2
2
2
CEquRMSHF
COutRMSLF
HLF
COutRMSHF
I
I
K
I
35
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Electrolytic capacitors typically have a ripple current rating at twice Line frequency (120 Hz) and a different ripple
current rating at switching frequency (100 kHz). These ratings reflect the fact that the capacitor ESR is higher at
twice Line frequency and hence ripple current at this frequency leads to higher power loss than the same
amplitude of switching frequency ripple. Consider the equivalent high-frequency ripple current flowing in the
capacitor in order to select the correct capacitor.
(47)
The parameter KHLF is the ratio of high frequency to low frequency RMS ripple current rating for the particular
capacitor series to be used.
(48)
In this example design, for reasons of size and rating, two 68-µF, 450 V capacitors are selected from Rubycon
BXW series (450BXW68MEFC12.5X45), connected in parallel. In this way, both the capacitance value
requirement and ripple current rating are met with some additional margin.
(49)
(50)
9.2.2.3 ZCD/CS Pin
An external divider network attached to the ZCD/CS pin transfers both the attenuated Drain voltage waveform
(VDS) and the current sense signal (VCS) into the controller. This transfer is possible because the current sense
signal requires observation only when the switch is ON and the VDS signal is close to zero. While the Drain
voltage waveform requires sensing only when the switch is OFF and the current sense signal is close to zero.
(51)
Equation 52 describes the attenuated Drain voltage during the on-time period when the MOSFET is switched
ON.
(52)
The ON state resistance of the MOSFET (RDSON) typically has a similar value to the current sense resistor (RCS).
The attenuation of the divider (ZZC1, ZZC2) is 1/401 and hence the second term of Equation 52 may be neglected.
(53)
Hence the required current sense resistor value can be calculated from the maximum peak inductor current
obtained in section 9.2.2.2.1
Outside the TON period, when the MOSFET is switched OFF, the current flowing through the current sense
resistor is close to zero. In this case Equation 51 may be expressed as follows.
(54)
UCC28056 prevents the start of a new switching cycle until increasing negative slope is detected on the ZCD/CS
pin voltage waveform. The increasing negative slope indicates that the inductor current has fallen to zero so the
output diode is already OFF. Turn-ON switching loss is further reduced by synchronizing the start of each new
switching cycle with a minimum, or valley, on the Drain waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com