Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 18Page - Texas Instruments UCC28056CDBVT Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT Datasheet HTML 20Page - Texas Instruments UCC28056CDBVT Datasheet HTML 21Page - Texas Instruments UCC28056CDBVT Datasheet HTML 22Page - Texas Instruments UCC28056CDBVT Datasheet HTML 23Page - Texas Instruments UCC28056CDBVT Datasheet HTML 24Page - Texas Instruments UCC28056CDBVT Datasheet HTML 25Page - Texas Instruments UCC28056CDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
22
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.5.2.2
Ocp2 Gross Over-Current or CCM Protection
A second comparator (Ocp2) with a higher threshold, and shorter blanking time, also monitors the current sense
voltage signal. If triggered, this second Ocp2 comparator also terminates the current on-time (TON) duration early.
In addition, if the controller triggers the Ocp2 comparator on three consecutive switching cycles, it also triggers a
long fault. The long fault halts switching operation and prevents restart for a period TLongFlt. After this delay, the
controller proceeds with its normal start-up process. In all transient or mild fault conditions the Ocp1 comparator,
with its lower threshold, triggers first and prevents the Ocp2 comparator from acting. The Ocp2 comparator acts
only if there is a gross fault such as a shorted output capacitor or bypass diode.
Under some fault conditions, including output overload, inductor current may become continuous because the
reset voltage is low. In this case even the relatively short Ocp1 blanking time may allow the inductor current to
continue ramping up. The UCC28056 controller addresses this condition by reducing the switching frequency to
allow a longer period for the inductor current to ramp down between on-time pulses.
The maximum allowed diode conduction period (TDCHMax) is doubled in the sequence (250 µs, 500 µs, 1000 µs)
each time the on-time duration terminates early by either one of the OCP comparators. If there is no ZCD signal
to indicate that the inductor current has fallen to zero, then the TDCHMax interval must expire before the next
switching cycle so the switching frequency is halved. The TDCHMax period is halved to reverse the sequence each
time the on-time period does not terminate early by one of the OCP comparators to restore the switching
frequency. If the ZCD signal indicates that inductor current has reached zero, then TDCHMax has no effect and
normal operation resumes automatically.
8.3.5.3 Output Over-Voltage Protection
The UCC28056 controller provides two independent forms of output over-voltage protections. This is done to
ensure that no single fault can result in excessive output voltage.
8.3.5.3.1
First Level Output Over-Voltage Protection (Ovp1)
The VOSNS pin monitors output capacitor voltage via an external resistor divider comprising ROS1 and ROS2. An
internal comparator (Ovp1) monitors the VOSNS pin voltage (VOS). If the voltage on this pin rises above
VOvp1Rise, indicating excessive output capacitor voltage, then the controller transitions to its BstOffb state. In this
state switching halts to prevent further increase in the output capacitor voltage. The controller returns to the Runb
state, and resumes switching operation, only after VOS falls below VOvp1Fall, indicating that the output voltage has
returned to normal range. To limit audible noise, the on-time pulse duration ramps during the transition between
Runb and BstOffb states. This ramp method is identical to that for Burst Mode operation.
8.3.5.3.2
Second Level Over-Voltage Protection (Ovp2)
During the TDCH period when the Boost diode is conducting, (and neglecting impedance in series with the Boost
diode) the voltage across the MOSFET approximates to the output voltage. The controller monitors the voltage
across the MOSFET via an external divider network connected to the ZCD/CS pin. This monitoring provides a
second independent method to detect excessive output voltage in case the VOSNS pin divider becomes
damaged. An Ovp2 comparator with a fixed threshold (VOvp2Th) monitors the ZCD/CS pin voltage during the TDCH
period. A fixed blanking period (TOvp2Blk) is applied after the falling edge of the DRV waveform to ensure that the
Ovp2 comparator is not tripped by inductive spikes on the leading edge of the Drain waveform.
The UCC28056 controller can operate with an in-rush limiting NTC resistor located on the load side of the Boost
MOSFET. Placing the NTC resistor in this location allows the use of a smaller controller with reduced current
rating and delivers better efficiency. The voltage drop across the series resistance introduced by the NTC,
particularly when cold, causes a voltage drop across the Boost MOSFET that is higher than the output voltage,
for example during the early part of the TDCH period when the current flowing through the Boost diode and NTC
resistor is highest. The excess voltage across the Boost MOSFET caused by the a cold NTC has two important
consequences:
•
It may cause the Ovp2 comparator to be tripped when the output voltage is not excessive.
•
Excessive voltage stress applied to the Boost MOSFET, during a cold start, may cause it to be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com