Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 23 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT Datasheet HTML 20Page - Texas Instruments UCC28056CDBVT Datasheet HTML 21Page - Texas Instruments UCC28056CDBVT Datasheet HTML 22Page - Texas Instruments UCC28056CDBVT Datasheet HTML 23Page - Texas Instruments UCC28056CDBVT Datasheet HTML 24Page - Texas Instruments UCC28056CDBVT Datasheet HTML 25Page - Texas Instruments UCC28056CDBVT Datasheet HTML 26Page - Texas Instruments UCC28056CDBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
DRV
Ovp2Fltb
Zcdb
TOvp2Blk
TOvp2En
IL(t)
VZC(t) ± Cold NTC
VZC(t) ± Hot NTC
VOvp2Th
23
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
The UCC28056 triggers an Ovp2 fault if the time between the falling edge of the Ovp2 comparator output and the
Zcdb signal is less than TOvp2En for three consecutive switching cycles. The series impedance required to trigger
a false Ovp2 fault is greatly increased because the Ovp2 comparator must be tripped close to the Zcdb point
when the current flowing through the NTC resistor is small.
An internal discharge resistor (RCODisch) between the COMP and GND pins connected for each switching cycle
causes the Ovp2 comparator to trip. This internal resistance discharges the external compensation network
reducing power demand and therefore the peak current flowing through the NTC resistor. The internal COMP
discharge resistor remains connected for any switching cycle that triggers the Ovp2 comparator. The internal
COMP discharge resistor becomes disconnected after the first switching cycle that does not trigger the Ovp2
comparator. By limiting the peak current flowing through the cold NTC resistor, the effect of this circuit is to limit
the peak voltage stress applied to the Boost MOSFET during a cold start.
Figure 24. Waveforms to Illustrate Ovp2 Operation
8.3.5.4 Thermal Shutdown Protection
The controller includes an internal temperature sensor. During the switching period, the controller triggers a
Thermal ShutDown (TSD) fault if the internal silicon temperature exceeds TTSDRise for three consecutive switching
cycles. The TSD fault halts switching operation and causes the controller to transition to its Stopb state for a
period TLongFlt. After this delay the controller continues the normal start-up process.
The controller does not exit the Stopb state to begin switching operation while the internal silicon temperature is
above TTSDFall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com