Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 19 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 15Page - Texas Instruments UCC28056CDBVT Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT Datasheet HTML 17Page - Texas Instruments UCC28056CDBVT Datasheet HTML 18Page - Texas Instruments UCC28056CDBVT Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT Datasheet HTML 20Page - Texas Instruments UCC28056CDBVT Datasheet HTML 21Page - Texas Instruments UCC28056CDBVT Datasheet HTML 22Page - Texas Instruments UCC28056CDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
TZCDR
First Valley Ipk Err
VDS(t)
IL(t)
DRV
TZCDR
First Valley Ipk Err
VIn
0
TON
TON
19
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Valley Switching and CrM/DCM Hysteresis
The UCC28056 controller achieves maximum efficiency enabling power switching operation when the drain
voltage of the MOSFET is at a minimum (sometimes referred to as valley), of the resonance that occurs during
the TDCM period . Any energy stored in the Drain node capacitance (CDE ) dissipates in the power switch during
its turnon transition time. Valley switching ensures minimum energy is stored in CDE prior to the turnon period
and hence minimum switching loss. After the TDCM period, the controller waits for the next available valley on the
drain voltage before initiating a new switching cycle. The actual TDCM duration is therefore always an integer
multiple of the drain resonance period. If the calculated TDCM period extends over a valley boundary the actual
TDCM duration steps up in value by one resonant period. This step change in TDCM duration causes a step
change in Line current that rapidly decays as the TON(θ) computation iterates to a new solution to reflect the step
change in TDCM duration. Line current distortion, resulting from valley transitions, is kept to a minimum by
computing the TDCM duration from the COMP voltage. The COMP voltage varies little over the period of a Line
cycle and hence the calculated TDCM duration changes very little over the period of a Line cycle.
Line current distortion is particularly severe during the transition from the first valley (CrM) to the second valley
(DCM) operation while the input voltage is low. In this region, the first valley duration is extended by the clamping
action of the power switch body diode. In this region Line current is reduced when switching on the first valley,
(CrM) , because the inductor current is negative at the start of the on period. The reduction in Line current is not
observed for second or subsequent valley (DCM) operation because the inductor current starts the on period
from zero. UCC28056 implements hysteresis in the TDCM computation to virtually eliminate the possibility of
repeated CrM/DCM transitions across a Line cycle. Such transitions can only occur if the twice Line frequency
ripple on the COMP voltage is greater than 12% at the CrM/DCM boundary.
Figure 21. Drain Voltage and Inductor Current Transitioning from DCM to CrM
8.3.3.1 Valley Delay Adjustment
The UCC28056 delivers maximum efficiency when controlling power stages that have widely differing natural
resonant frequencies. The application achieves this efficiency because the designer externally programs the
delay between the ZcdVIn comparator crossing and the rising edge of DRV (TZCDR). Ideal valley switching for
different power stage designs that may have very different natural resonant frequencies.
The TZCDR delay can be set to one of eight different values (TZCDR0 – TZCDR7) by setting the value of a resistor
(RDG) connected externally between the DRV and GND pins. During the startup period or when recovering from a
long fault, the controller transitions from the Stopb state to the RDGRdb state and then to the BstOffb state.
While in the RDGRdb state, an internal current source (IDG) transitions to the DRV pin. The the voltage that
results from this current determines the appropriate TZCDR delay. The controller uses this delay period for all
valley switching operation until a long fault causes the controller to return to the Stopb state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com