Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 36 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 36 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 32Page - Texas Instruments UCC28056CDBVT Datasheet HTML 33Page - Texas Instruments UCC28056CDBVT Datasheet HTML 34Page - Texas Instruments UCC28056CDBVT Datasheet HTML 35Page - Texas Instruments UCC28056CDBVT Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT Datasheet HTML 39Page - Texas Instruments UCC28056CDBVT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
u
2
InRMSMax
ZCMax
ZC1
ZC2
V
2
P
R
R
u
OutOvp2
Ovp2Th
ZC
V
V
K
451 V
u
ZC
InRMSBoRise
ZCBoRise
K
V
V
85.1 V
2
ZC1
ZC
ZC2
R
K
1
401
R
ZC1
ZC2
ZC2
ZC1
R
C
R
C
ZC2
ZC2
ZC1
ZC2
ZC1
ZC2
R
X
R
R
X
X
36
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
In theory, a simple resistor divider can be used to attenuate the Drain voltage waveform fed into the ZCD/CS pin.
In practice, the parasitic capacitance associated with the PCB traces and the ZCD/CS pin filter the attenuated
signal and introduce phase shift. The resulting distortion and phase shift negatively impact the ability of the part
to synchronize to the zero inductor current transitions. The problem is compounded by the need to limit power
dissipation in the resistive divider, which dictates the use of high resistance values, and increased filtering of the
attenuated signal.
Add a capacitor divider in parallel with the resistor divider in order to use of high value resistors without
introducing filtering and associated phase shift. In this case, ensure that the reactive divider ratio is equal to the
resistor divider ratio.
(55)
Hence:
(56)
There are number of internal voltage thresholds driven by the attenuated Drain voltage signal supplied to the
ZCD/CS pin. These include Brown-Out (VZCBoRise), Line feed-forward (VFFxRise, VFFxFall) and second output over-
voltage (VOvp2Th). The same external divider ratio (KZC) drives all of these thresholds. Scope to vary the
attenuation ratio specified is limited because it impacts all of these thresholds in unison.
(57)
(58)
The controller infers Line voltage from the switching cycle average voltage on the Drain node. Neglecting any
resistive voltage drop in the Boost inductor this must be equal to the voltage supplied from the input rectifier,
provided the Boost inductor current returns to zero at the end of each cycle (TM/CrM/DCM). Voltage drops in the
input rectifier bridge and EMI filter stage cause an error between predicted and measured threshold values. An
internal peak detector determines the peak input voltage across a Line half-cycle. Equation 58 above converts
this peak value to an RMS quantity, but assumes an ideal sinusoidal Line supply
Equation 59 calculates the output voltage required to trigger the second output overvoltage comparator (Ovp2).
(59)
This parameter is observed via the Drain waveform, voltage drops in the Boost Diode and series NTC resistor,
causes the Ovp2 comparator to trip at a lower output voltage level.
Power dissipation in the Drain sensing resistor divider chain reaches its highest value during the Burst OFF
condition. During the Burst OFF condition, the Drain voltage approximates a DC voltage equal to the Line voltage
peak. This approximation assumes the time constant CIN × (RZC1+ RZC2) is long compared with a Line half-
period. Under no-load conditions, the Burst OFF duty cycle is high therefore maximum power dissipation in the
Drain sensing resistor divider chain, occurs at high Line and no-load, as described in Equation 60.
(60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com