Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4084BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 47Page - Analog Devices AD4084BBCZ Datasheet HTML 48Page - Analog Devices AD4084BBCZ Datasheet HTML 49Page - Analog Devices AD4084BBCZ Datasheet HTML 50Page - Analog Devices AD4084BBCZ Datasheet HTML 51Page - Analog Devices AD4084BBCZ Datasheet HTML 52Page - Analog Devices AD4084BBCZ Datasheet HTML 53Page - Analog Devices AD4084BBCZ Datasheet HTML 54Page - Analog Devices AD4084BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
Data Sheet
AD4084
DIGITAL INTERFACE
analog.com
Rev. 0 | 51 of 94
data access and storage simpler, the ADC result is sign extended to
24 bits. In this way, the data format aligns better with their selected
host.
GPIO PINS
The AD4084 GPIO pins are intended to simplify the development of
synchronous data acquisition applications by facilitating a simplified
state control interface between the host processor, the data con-
verter, and other related signal chain components. When configured
as an output, these GPIO pins can be assigned as an indicator of
device status, a digital control for a related signal chain component,
or a serial data lane for device configuration. In input mode, the
GPIO pins allow pin programming of converter features such as
digital filter synchronization (reset) and an external event trigger.
The desired function for each GPIO is defined by writing to the
GPIO Configuration A through GPIO Configuration C registers
(Address 0x19 through Address 0x1B), see the GPIO Configuration
A Register section through the GPIO Configuration C Register
section. The configuration for each GPIO includes an output enable
bit, an output data bit, and a function selection. The output data
bit determines the logical state of the output when the GPO data
option is selected; otherwise, the output state is determined by
the selected function, assuming the output is enabled. By default,
GPIO0 is enabled as an output, and the configuration SPI SDO
function is selected. All other GPIO outputs are disabled.
Table 24 provides a brief description of the available AD4084 GPIO
functions. Each of the GPIO pins can be configured for any of the
following functions.
Table 23. GPIO Registers Overview
Register
Bits
Contents
GPIO_CONFIG_A
GPIO_0_EN,
GPIO_1_EN,
GPIO_2_EN,
GPIO_3_EN
Enable bits for each GPIO.
0: Configures the GPIO as an input.
1: Configures the GPIO as an output.
GPIO_CONFIG_A
GPIO_0_DATA,
GPIO_1_DATA,
GPIO_2_DATA,
GPIO_3_DATA
The corresponding GPIO_x_SEL bit for each GPIO can be set to 0111b to read or write data to that GPIO.
In this mode, GPIO_x_EN selects whether each of these data bits is read only or write only, depending on whether the GPIO is
configured as an input or an output.
When configured as an output, these bits are write only, the user can set the bits to a logic level that they need to output on the
GPIO.
When configured as an input, these bits are read only, the user can read the bits to determine the logic level input to on the GPIO.
If the corresponding GPIO_x_SEL is not set to 0111b, the GPIO_x_DATA is not valid as the GPIO is overridden with the selected
GPIO function.
GPIO_CONFIG_B
GPIO_0_SEL,
GPIO_1_SEL
Selection for the function mode of GPIO0 and GPIO1.
GPIO_CONFIG_C
GPIO_2_SEL,
GPIO_3_SEL
Selection for the function mode of GPIO2 and GPIO3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com