Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4084BBCZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 63Page - Analog Devices AD4084BBCZ Datasheet HTML 64Page - Analog Devices AD4084BBCZ Datasheet HTML 65Page - Analog Devices AD4084BBCZ Datasheet HTML 66Page - Analog Devices AD4084BBCZ Datasheet HTML 67Page - Analog Devices AD4084BBCZ Datasheet HTML 68Page - Analog Devices AD4084BBCZ Datasheet HTML 69Page - Analog Devices AD4084BBCZ Datasheet HTML 70Page - Analog Devices AD4084BBCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Data Sheet
AD4084
DIGITAL FEATURES
analog.com
Rev. 0 | 67 of 94
Filter Result Ready Indicator
Setting the GPIO_x_SEL bits to 0011 configures the GPIO to output
the FILTER_RESULT_RDY signal, which is an active low logic
signal that indicates to the host controller when each new filter
result is complete. When LVDS is used to directly read out the filter
results, this indicator can alert the user when each new filtered
conversion result is available to read via the interface.
Filter Interface Timing Considerations
Continuous access to filtered data results is available only through
the LVDS data interface. SPI data interface access to filtered
results is only made via the FIFO. The timing considerations, in this
case, are described in the Filter Interface Timing Considerations
when Using the FIFO section. For use with the LVDS data interface,
it is recommended to use a GPIO, configured with the appropriate
GPIO_x_SEL (0011) to output the filter result ready (active low)
signal, as is shown in the example Figure 98 timing diagram.
Filter Interface Timing Considerations when
Using the FIFO
Figure 100 serves as an example to illustrate the sequence of
events in this mode of operation. This example illustrates a sinc1
filter with a decimate by 2 setting, where three results (that is,
WATERMARK = 3) are configured to be stored in the FIFO. When
using the integrated digital filters with the FIFO, the filter must be
reset prior to each FIFO acquisition record. This reset must be
given on the first CNV rising edge, where the FILTER_SYNC signal
must be brought low at least 15ns prior to the CNV edge and then
released at least 5ns before the next rising edge. The first ADC
result is ready tMSB after the second CNV rising edge. This first
ADC result is latched into the filter on the third CNV rising edge.
The fourth CNV rising edge latches the second ADC result into the
digital filter. On the fifth rising edge, the first decimate by 2 result
is complete, which is indicated by the FILTER_READY signal going
active on the fifth rising edge. This first filtered result is loaded into
the FIFO on the sixth CNV rising edge. Because this example uses
WATERMARK = 3, when three filtered (that is, six core ADC results,
decimated by 2) results are loaded to the FIFO, the WATERMARK
is reached, and FIFO_FULL is asserted to indicate to the user that
a FIFO record is available to read via the configured data interface
(that is, the LVDS data lane(s) of the SPI data lane(s)). To initiate a
subsequent FIFO record acquisition of the filtered ADC results, the
user must start the whole sequence over, beginning again with the
reset of the digital filter by bringing the FILTER_SYNC signal low on
the first rising edge of CNV.
Figure 100. Description of Filter Timing with FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com