| Electronic Components Datasheet Search |
|
AD4084BBCZ Datasheet(PDF) 79 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4084BBCZ Datasheet(HTML) 79 Page - Analog Devices |
|
79 / 94 page ![]() Data Sheet AD4084 CONFIGURATION REGISTERS analog.com Rev. 0 | 79 of 94 Stream Mode Register Address: 0x0E, Reset: 0x00, Name: STREAM_MODE This mode is not supported. Figure 122. Stream Mode Register Table 42. Bit Descriptions for STREAM_MODE Bits Bit Name Description Reset Access [7:0] LOOP_COUNT Stream Mode Loop Counter. These bits set the data byte count before looping to the start address. When streaming data, a nonzero value sets the number of data bytes written before the address loops back to the start address. A maximum of 255 bytes can be written using this approach. A value of 0x00 disables the loop back so that addressing wraps around at the upper and lower limits of the memory. After writing to this register, the loop value applies only to the next SPI instruction and auto clears upon the end of that instruction. 0x0 R/W Transfer Configuration Register Address: 0x0F, Reset: 0x00, Name: TRANSFER_CONFIG This register controls how data moves between the controller and the target registers. Figure 123. Transfer Configuration Register Table 43. Bit Descriptions for TRANSFER_CONFIG Bits Bit Name Description Reset Access [7:3] RESERVED Reserved. Write 0b00000 to these bits. 0x0 R 2 KEEP_STREAM_LENGTH_VAL Keep Stream Length. When set, the loop counter does not reset on the CS rising edge. 0x0 R/W [1:0] RESERVED Reserved. Write 0b00 to these bits. 0x0 R |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |