Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC115LRGPR Datasheet(PDF) 28 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 24Page - Texas Instruments CC115LRGPR Datasheet HTML 25Page - Texas Instruments CC115LRGPR Datasheet HTML 26Page - Texas Instruments CC115LRGPR Datasheet HTML 27Page - Texas Instruments CC115LRGPR Datasheet HTML 28Page - Texas Instruments CC115LRGPR Datasheet HTML 29Page - Texas Instruments CC115LRGPR Datasheet HTML 30Page - Texas Instruments CC115LRGPR Datasheet HTML 31Page - Texas Instruments CC115LRGPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
CSn
SO
XOSC Stable
XOSC and voltage regulator switched on
SI
SRES
40 us
XOSC Stable
CSn
SO
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.10.1 Power-On Start-Up Sequence
When the power supply is turned on, the system must be reset. This is achieved by one of the two
sequences described below, that is, automatic power-on reset (POR) or manual reset. After the automatic
power-on reset or manual reset, it is also recommended to change the signal that is output on the GDO0
pin. The default setting is to output a clock signal with a frequency of CLK_XOSC/192. However, to
optimize performance in TX, an alternative GDO setting from the settings found in Table 5-12 should be
selected.
5.10.1.1 Automatic POR
A power-on reset circuit is included in the CC115L. The minimum requirements stated in Section 4.10
must be followed for the power-on reset to function properly. The internal power-up sequence is
completed when CHIP_RDYn goes low. CHIP_RDYn is observed on the SO pin after CSn is pulled low.
See Section 5.5.1 for more details on CHIP_RDYn.
When the CC115L reset is completed, the chip will be in the IDLE state and the crystal oscillator will be
running. If the chip has had sufficient time for the crystal oscillator to stabilize after the power-on-reset, the
SO pin will go low immediately after taking CSn low. If CSn is taken low before reset is completed, the SO
pin will first go high, indicating that the crystal oscillator is not stabilized, before going low as shown in
Figure 5-10.
Figure 5-10. Power-On Reset with SRES
5.10.1.2 Manual Reset
The other global reset possibility on CC115L uses the SRES command strobe. By issuing this strobe, all
internal registers and states are set to the default, IDLE state. The manual power-up sequence is as
follows (see Figure 5-11):
•
Set SCLK = 1 and SI = 0.
•
Strobe CSn low / high.
•
Hold CSn low and then high for at least 40 µs relative to pulling CSn low
•
Pull CSn low and wait for SO to go low ( CHIP_RDYn).
•
Issue the SRES strobe on the SI line.
•
When SO goes low again, reset is complete and the chip is in the IDLE state.
XOSC and voltage regulator switched on
Figure 5-11. Power-On Reset with SRES
28
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com