Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC115LRGPR Datasheet(PDF) 51 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 47Page - Texas Instruments CC115LRGPR Datasheet HTML 48Page - Texas Instruments CC115LRGPR Datasheet HTML 49Page - Texas Instruments CC115LRGPR Datasheet HTML 50Page - Texas Instruments CC115LRGPR Datasheet HTML 51Page - Texas Instruments CC115LRGPR Datasheet HTML 52Page - Texas Instruments CC115LRGPR Datasheet HTML 53Page - Texas Instruments CC115LRGPR Datasheet HTML 54Page - Texas Instruments CC115LRGPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
Table 5-32. 0x12: MDMCFG2 - Modem Configuration
Bit
Field Name
Reset
R/W
Description
7
0
R/W
Use setting from SmartRF Studio SWRC176
The modulation format of the radio signal
Setting
Modulation format
0 (000)
2-FSK
1 (001)
GFSK
2 (010)
Reserved
3 (011)
OOK
6:4
MOD_FORMAT[2:0]
0 (000)
R/W
4 (100)
4-FSK
5 (101)
Reserved
6 (110)
Reserved
7 (111)
Reserved
4-FSK modulation cannot be used together with Manchester
encoding
Enables Manchester encoding/decoding.
0 = Disable
3
MANCHESTER_EN
0
R/W
1 = Enable
Manchester encoding cannot be used when using
asynchronous serial mode or 4-FSK modulation
Number of sync bits transmitted
Setting
Sync-word qualifier mode
0 (000)
No preamble/sync
1 (001)
16-bits sync word
2:0
SYNC_MODE[2:0]
2 (010)
R/W
2 (010)
Reserved
3 (011)
32-bits sync word
4 (100) – 7
Reserved
(111)
Table 5-33. 0x13: MDMCFG1 - Modem Configuration
Bit
Field Name
Reset
R/W
Description
7
0
R/W
Use setting from SmartRF Studio SWRC176
Sets the minimum number of preamble bytes to be transmitted
Setting
Number of preamble bytes
0 (000)
2
1 (001)
3
2 (010)
4
6:4
NUM_PREAMBLE[2:0]
2 (010)
R/W
3 (011)
6
4 (100)
8
5 (101)
12
6 (110)
16
7 (111)
24
3:2
R0
Not used
1:0
CHANSPC_E[1:0]
2 (10)
R/W
2 bit exponent of channel spacing
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
51
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com