Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC115LRGPR Datasheet(PDF) 42 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 38Page - Texas Instruments CC115LRGPR Datasheet HTML 39Page - Texas Instruments CC115LRGPR Datasheet HTML 40Page - Texas Instruments CC115LRGPR Datasheet HTML 41Page - Texas Instruments CC115LRGPR Datasheet HTML 42Page - Texas Instruments CC115LRGPR Datasheet HTML 43Page - Texas Instruments CC115LRGPR Datasheet HTML 44Page - Texas Instruments CC115LRGPR Datasheet HTML 45Page - Texas Instruments CC115LRGPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.18.3 Wideband Modulation when not Using Spread Spectrum
Digital modulation systems under FCC Section 15.247 include 2-FSK, GFSK, and 4-FSK modulation. A
maximum peak output power of 1 W (+30 dBm) is allowed if the 6 dB bandwidth of the modulated signal
exceeds 500 kHz. In addition, the peak power spectral density conducted to the antenna shall not be
greater than +8 dBm in any 3 kHz band.
Operating at high data rates and frequency separation, the CC115L is suited for systems targeting
compliance with digital modulation system as defined by FCC Section 15.247. An external power amplifier
such as CC1190 SWRS089 is needed to increase the output above +11 dBm. Refer to DN006 SWRA123
for further details concerning wideband modulation and CC115L.
5.18.4 Data Burst Transmissions
The high maximum data rate of CC115L opens up for burst transmissions. A low average data rate link
(e.g. 10 kBaud) can be realized by using a higher over-the-air data rate. Buffering the data and
transmitting in bursts at high data rate (e.g. 500 kBaud) will reduce the time in TX mode, and hence also
reduce the average current consumption significantly. Reducing the time in TX mode will reduce the
likelihood of collisions with other systems in the same frequency range.
5.18.5 Continuous Transmissions
In data streaming applications, the CC115L opens up for continuous transmissions at 500 kBaud effective
data rate. As the modulation is done with a closed loop PLL, there is no limitation in the length of a
transmission (open loop modulation used in some radios often prevents this kind of continuous data
streaming and reduces the effective data rate).
5.18.6 Increasing Output Power
The PA portion of the CC1190 SWRS089 can be used together with CC115L in applications where
increased output power is needed.
42
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com