Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 112 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 112 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 108Page - Texas Instruments TDA2SXABC Datasheet HTML 109Page - Texas Instruments TDA2SXABC Datasheet HTML 110Page - Texas Instruments TDA2SXABC Datasheet HTML 111Page - Texas Instruments TDA2SXABC Datasheet HTML 112Page - Texas Instruments TDA2SXABC Datasheet HTML 113Page - Texas Instruments TDA2SXABC Datasheet HTML 114Page - Texas Instruments TDA2SXABC Datasheet HTML 115Page - Texas Instruments TDA2SXABC Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 427 page
background image
112
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
4.4.9
Multichannel Serial Peripheral Interface (McSPI)
CAUTION
The I/O timings provided in Section 7 Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for SPI1 and SPI2.
However, the timings are valid only for SPI3 and SPI4 if signals within a single
IOSET are used. The IOSETS are defined in the Table 7-41.
NOTE
For more information, see the Serial Communication Interface / McSPI section of the device
TRM.
Table 4-12. SPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Serial Peripheral Interface 1
spi1_sclk(1)
SPI1 Clock
IO
A25
spi1_d1
SPI1 Data. Can be configured as either MISO or MOSI.
IO
F16
spi1_d0
SPI1 Data. Can be configured as either MISO or MOSI.
IO
B25
spi1_cs0
SPI1 Chip Select
IO
A24
spi1_cs1
SPI1 Chip Select
IO
A22
spi1_cs2
SPI1 Chip Select
IO
B21
spi1_cs3
SPI1 Chip Select
IO
B20
Serial Peripheral Interface 2
spi2_sclk(1)
SPI2 Clock
IO
A26
spi2_d1
SPI2 Data. Can be configured as either MISO or MOSI.
IO
B22
spi2_d0
SPI2 Data. Can be configured as either MISO or MOSI.
IO
G17
spi2_cs0
SPI2 Chip Select
IO
B24
spi2_cs1
SPI2 Chip Select
IO
A22
spi2_cs2
SPI2 Chip Select
IO
B21
spi2_cs3
SPI2 Chip Select
IO
B20
Serial Peripheral Interface 3
spi3_sclk(1)
SPI3 Clock
IO
AD9/ V2/ B12/ E11/
AC4/ C18
spi3_d1
SPI3 Data. Can be configured as either MISO or MOSI.
IO
AF9/ Y1/ B10/ A11/
A21/ AC7
spi3_d0
SPI3 Data. Can be configured as either MISO or MOSI.
IO
AE9/ W9/ C11/ B13/
AC6/ G16
spi3_cs0
SPI3 Chip Select
IO
AF8/ V9/ D11/ A12/
AC9/ D17
spi3_cs1
SPI3 Chip Select
IO
B11/ AC3/ E14
spi3_cs2
SPI3 Chip Select
IO
F11
spi3_cs3
SPI3 Chip Select
IO
A10
Serial Peripheral Interface 4
spi4_sclk(1)
SPI4 Clock
IO
N7/ G1/ AA3/ V7/
AC8
spi4_d1
SPI4 Data. Can be configured as either MISO or MOSI.
IO
R4/ G6/ AB9/ U7/
AD6
spi4_d0
SPI4 Data. Can be configured as either MISO or MOSI.
IO
N9/ F2/ AB3/ V6/
AB8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com