Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 114 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 114 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 110Page - Texas Instruments TDA2SXABC Datasheet HTML 111Page - Texas Instruments TDA2SXABC Datasheet HTML 112Page - Texas Instruments TDA2SXABC Datasheet HTML 113Page - Texas Instruments TDA2SXABC Datasheet HTML 114Page - Texas Instruments TDA2SXABC Datasheet HTML 115Page - Texas Instruments TDA2SXABC Datasheet HTML 116Page - Texas Instruments TDA2SXABC Datasheet HTML 117Page - Texas Instruments TDA2SXABC Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 427 page
background image
114
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-14. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp1_axr8
McASP1 Transmit/Receive Data
IO
E21 / B12
mcasp1_axr9
McASP1 Transmit/Receive Data
IO
F20/ A11
mcasp1_axr10
McASP1 Transmit/Receive Data
IO
F21 / B13
mcasp1_axr11
McASP1 Transmit/Receive Data
IO
A12
mcasp1_axr12
McASP1 Transmit/Receive Data
IO
E14
mcasp1_axr13
McASP1 Transmit/Receive Data
IO
A13
mcasp1_axr14
McASP1 Transmit/Receive Data
IO
G14
mcasp1_axr15
McASP1 Transmit/Receive Data
IO
F14
mcasp1_fsx
McASP1 Transmit Frame Sync
IO
D14
mcasp1_aclkr
McASP1 Receive Bit Clock
IO
B14
mcasp1_fsr
McASP1 Receive Frame Sync
IO
J14
mcasp1_ahclkx
McASP1 Transmit High-Frequency Master Clock
O
D18
mcasp1_aclkx
McASP1 Transmit Bit Clock
IO
C14
Multichannel Audio Serial Port 2
mcasp2_axr0
McASP2 Transmit/Receive Data
IO
B15
mcasp2_axr1
McASP2 Transmit/Receive Data
IO
A15
mcasp2_axr2
McASP2 Transmit/Receive Data
IO
C15
mcasp2_axr3
McASP2 Transmit/Receive Data
IO
A16
mcasp2_axr4
McASP2 Transmit/Receive Data
IO
D15
mcasp2_axr5
McASP2 Transmit/Receive Data
IO
B16
mcasp2_axr6
McASP2 Transmit/Receive Data
IO
B17
mcasp2_axr7
McASP2 Transmit/Receive Data
IO
A17
mcasp2_axr8
McASP2 Transmit/Receive Data
IO
D18
mcasp2_axr9
McASP2 Transmit/Receive Data
IO
E17
mcasp2_axr10
McASP2 Transmit/Receive Data
IO
B26
mcasp2_axr11
McASP2 Transmit/Receive Data
IO
C23
mcasp2_axr12
McASP2 Transmit/Receive Data
IO
B18
mcasp2_axr13
McASP2 Transmit/Receive Data
IO
F15
mcasp2_axr14
McASP2 Transmit/Receive Data
IO
B19
mcasp2_axr15
McASP2 Transmit/Receive Data
IO
C17
mcasp2_fsx
McASP2 Transmit Frame Sync
IO
A18
mcasp2_aclkr(1)
McASP2 Receive Bit Clock
IO
E15
mcasp2_fsr
McASP2 Receive Frame Sync
IO
A20
mcasp2_ahclkx
McASP2 Transmit High-Frequency Master Clock
O
E17
mcasp2_aclkx(1)
McASP2 Transmit Bit Clock
IO
A19
Multichannel Audio Serial Port 3
mcasp3_axr0
McASP3 Transmit/Receive Data
IO
B19
mcasp3_axr1
McASP3 Transmit/Receive Data
IO
C17
mcasp3_axr2
McASP3 Transmit/Receive Data
IO
C15
mcasp3_axr3
McASP3 Transmit/Receive Data
IO
A16
mcasp3_fsx
McASP3 Transmit Frame Sync
IO
F15
mcasp3_ahclkx
McASP3 Transmit High-Frequency Master Clock
O
B26
mcasp3_aclkx(1)
McASP3 Transmit Bit Clock
IO
B18
mcasp3_aclkr(1)
McASP3 Receive Bit Clock
IO
B18
mcasp3_fsr
McASP3 Receive Frame Sync
IO
F15
Multichannel Audio Serial Port 4
mcasp4_axr0
McASP4 Transmit/Receive Data
IO
G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com