Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 116 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 116 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 112Page - Texas Instruments TDA2SXABC Datasheet HTML 113Page - Texas Instruments TDA2SXABC Datasheet HTML 114Page - Texas Instruments TDA2SXABC Datasheet HTML 115Page - Texas Instruments TDA2SXABC Datasheet HTML 116Page - Texas Instruments TDA2SXABC Datasheet HTML 117Page - Texas Instruments TDA2SXABC Datasheet HTML 118Page - Texas Instruments TDA2SXABC Datasheet HTML 119Page - Texas Instruments TDA2SXABC Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 427 page
background image
116
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-14. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp8_fsr
McASP8 Receive Frame Sync
IO
A17
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.12 Universal Serial Bus (USB)
NOTE
For more information, see: Serial Communication Interface / SuperSpeed USB DRD
Subsystem section of the device TRM.
Table 4-15. Universal Serial Bus Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Serial Bus 1
usb1_dp
USB1 USB2.0 differential signal pair (positive)
IODS
AD12
usb1_dm
USB1 USB2.0 differential signal pair (negative)
IODS
AC12
usb1_drvvbus
USB1 Drive VBUS signal
O
AB10
usb_rxn0
USB1 USB3.0 receiver negative lane
IDS
AF12
usb_rxp0
USB1 USB3.0 receiver positive lane
IDS
AE12
usb_txn0
USB1 USB3.0 transmitter negative lane
ODS
AC11
usb_txp0
USB1 USB3.0 transmitter positive lane
ODS
AD11
Universal Serial Bus 2
usb2_dp
USB2 USB2.0 differential signal pair (positive)
IODS
AE11
usb2_dm
USB2 USB2.0 differential signal pair (negative)
IODS
AF11
usb2_drvvbus
USB2 Drive VBUS signal
O
AC10
Universal Serial Bus 3
usb3_ulpi_d0
USB3 - ULPI 8-bit data bus
IO
AC3 / AE1
usb3_ulpi_d1
USB3 - ULPI 8-bit data bus
IO
AC9 / AE5
usb3_ulpi_d2
USB3 - ULPI 8-bit data bus
IO
AC6 / AE3
usb3_ulpi_d3
USB3 - ULPI 8-bit data bus
IO
AC7 / AF1
usb3_ulpi_d4
USB3 - ULPI 8-bit data bus
IO
AC4 / AF4
usb3_ulpi_d5
USB3 - ULPI 8-bit data bus
IO
AD4 / AF3
usb3_ulpi_d6
USB3 - ULPI 8-bit data bus
IO
AB4 / AF6
usb3_ulpi_d7
USB3 - ULPI 8-bit data bus
IO
AC5 / AF2
usb3_ulpi_nxt
USB3 - ULPI next
I
AC8 / AE2
usb3_ulpi_dir
USB3 - ULPI bus direction
I
AD6 / AE6
usb3_ulpi_stp
USB3 - ULPI stop
O
AB8 / AD2
usb3_ulpi_clk
USB3 - ULPI functional clock
I
AB5 / AD3
Universal Serial Bus 4
usb4_ulpi_d0
USB4 - ULPI 8-bit data bus
IO
V6
usb4_ulpi_d1
USB4 - ULPI 8-bit data bus
IO
U6
usb4_ulpi_d2
USB4 - ULPI 8-bit data bus
IO
U5
usb4_ulpi_d3
USB4 - ULPI 8-bit data bus
IO
V5
usb4_ulpi_d4
USB4 - ULPI 8-bit data bus
IO
V4
usb4_ulpi_d5
USB4 - ULPI 8-bit data bus
IO
V3
usb4_ulpi_d6
USB4 - ULPI 8-bit data bus
IO
Y2
usb4_ulpi_d7
USB4 - ULPI 8-bit data bus
IO
W2
usb4_ulpi_nxt
USB4 - ULPI next
I
U7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com