Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 120 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 120 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 116Page - Texas Instruments TDA2SXABC Datasheet HTML 117Page - Texas Instruments TDA2SXABC Datasheet HTML 118Page - Texas Instruments TDA2SXABC Datasheet HTML 119Page - Texas Instruments TDA2SXABC Datasheet HTML 120Page - Texas Instruments TDA2SXABC Datasheet HTML 121Page - Texas Instruments TDA2SXABC Datasheet HTML 122Page - Texas Instruments TDA2SXABC Datasheet HTML 123Page - Texas Instruments TDA2SXABC Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 427 page
background image
120
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-19. GMAC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rmii0_txd0
RMII0 Transmit Data
O
W2
rmii0_txd1
RMII0 Transmit Data
O
Y2
rmii0_txen
RMII0 Transmit Data Enable
O
V3
RMII1
rmii1_crs
RMII1 Carrier Sense
I
V2
rmii1_rxd0
RMII1 Receive Data
I
V9
rmii1_rxd1
RMII1 Receive Data
I
W9
rmii1_rxer
RMII1 Receive Data Error
I
Y1
rmii1_txd0
RMII1 Transmit Data
O
V4
rmii1_txd1
RMII1 Transmit Data
O
V5
rmii1_txen
RMII1 Transmit Data Enable
O
U5
MDIO
mdio_d
Management Data
IO
AB4/ B20/ F6/ U4
mdio_mclk
Management Data Serial Clock
O
AC5/ B21/ D3/ V1
4.4.17 eMMC/SD/SDIO
NOTE
For more information, see the HS MMC/SDIO section of the device TRM.
Table 4-20. eMMC/SD/SDIO Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multi Media Card 1
mmc1_clk(1)
MMC1 clock
IO
W6
mmc1_cmd
MMC1 command
IO
Y6
mmc1_sdcd
MMC1 Card Detect
I
W7
mmc1_sdwp
MMC1 Write Protect
I
Y9
mmc1_dat0
MMC1 data bit 0
IO
AA6
mmc1_dat1
MMC1 data bit 1
IO
Y4
mmc1_dat2
MMC1 data bit 2
IO
AA5
mmc1_dat3
MMC1 data bit 3
IO
Y3
Multi Media Card 2
mmc2_clk(1)
MMC2 clock
IO
J7
mmc2_cmd
MMC2 command
IO
H6
mmc2_sdcd
MMC2 Card Detect
I
G20
mmc2_sdwp
MMC2 Write Protect
I
G19
mmc2_dat0
MMC2 data bit 0
IO
J4
mmc2_dat1
MMC2 data bit 1
IO
J6
mmc2_dat2
MMC2 data bit 2
IO
H4
mmc2_dat3
MMC2 data bit 3
IO
H5
mmc2_dat4
MMC2 data bit 4
IO
K7
mmc2_dat5
MMC2 data bit 5
IO
M7
mmc2_dat6
MMC2 data bit 6
IO
J5
mmc2_dat7
MMC2 data bit 7
IO
K6
Multi Media Card 3
mmc3_clk(1)
MMC3 clock
IO
AD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com